Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPI3-MODBP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RPI3-MODBP
Description  Raspberry Pi 3 Model B
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RPI3-MODBP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RPI3-MODBP Datasheet HTML 1Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 2Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 3Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 4Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
Raspberry Pi 3 Model B+
raspberrypi.org
Warnings
Safety instructions
This product should only be connected to an external power supply rated at 5V/2.5A DC. Any external power
supply used with the Raspberry Pi 3 Model B+ shall comply with relevant regulations and standards applicable
in the country of intended use.
This product should be operated in a well-ventilated environment and, if used inside a case, the case should
not be covered.
Whilst in use, this product should be placed on a stable, flat, non-conductive surface and should not be
contacted by conductive items.
The connection of incompatible devices to the GPIO connection may affect compliance, result in damage to
the unit, and invalidate the warranty.
All peripherals used with this product should comply with relevant standards for the country of use and be
marked accordingly to ensure that safety and performance requirements are met. These articles include but
are not limited to keyboards, monitors, and mice when used in conjunction with the Raspberry Pi.
The cables and connectors of all peripherals used with this product must have adequate insulation so that
relevant safety requirements are met.
To avoid malfunction of or damage to this product, please observe the following:
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
Do not expose to heat from any source; the Raspberry Pi 3 Model B+ is designed for reliable operation at normal
ambient temperatures.
Do not expose the printed circuit board to high-intensity light sources (e.g. xenon flash or laser) whilst in operation.
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
Whilst it is powered, avoid handling the printed circuit board, or only handle it by the edges to minimise the risk of
electrostatic discharge damage.
Physical specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com