Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R1 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # SCD40-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R1 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button SCD40-D-R1 Datasheet HTML 2Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 3Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 4Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 5Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 6Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 7Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
6/22
2.4 Timing Specifications
Table 7 list the timings of the ASIC part and does not reflect the availability or usefulness of the sensor readings. The SCD4x
supports the I2C “standard-mode” as is described elsewhere (see footnote 12).
Parameter
Condition
Min.
Max.
Unit
Power-up time
After hard reset,
VDD ≥ 2.25 V
-
1000
ms
Soft reset time
After re-initialization (i.e. reinit)
-
1000
ms
SCL clock frequency
-
0
100
kHz
Table 7 System timing specifications.
2.5 Material Contents
The device is fully REACH and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com