Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R1 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SCD40-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R1 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SCD40-D-R1 Datasheet HTML 5Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 6Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 7Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 10Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 11Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 12Page - Sensirion AG Switzerland SCD40-D-R1 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
9/22
3.5 Basic Commands
This section lists the basic SCD4x commands that are necessary to start a periodic measurement and subsequently read out
the sensor outputs.
The typical communication sequence between the I2C master (e.g., a microcontroller) and the SCD4x sensor is as follows:
1.
The sensor is powered up
2.
The I2C master sends a start_periodic_measurement command. Signal update interval is 5 seconds.
3.
The I2C master periodically reads out data with the read measurement sequence.
4.
To put the sensor back to idle mode, the I2C master sends a stop periodic measurement command.
While a periodic measurement is running, no other commands must be issued with the exception of read_measurement,
get_data_ready_status, stop_periodic_measurement and set_ambient_pressure.
3.5.1
start_periodic_measurement
Description: start periodic measurement, signal update interval is 5 seconds.
Table 10: start_periodic_measurement
I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x21b1
-
-
-
-
not applicable
Example: start periodic measurement
Write
0x21b1
(hexadecimal)
Command
3.5.2
read_measurement
Description: read sensor output. The measurement data can only be read out once per signal update interval as the buffer is
emptied upon read-out. If no data is available in the buffer, the sensor returns a NACK. To avoid a NACK response, the
get_data_ready_status can be issued to check data status (see chapter 3.8.2 for further details). The I2C master can abort the
read transfer with a NACK followed by a STOP condition after any data byte if the user is not interested in subsequent data.
Table 11: read_measurment I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: CO2, Temperature, Relative
Humidity
Max.
command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0xec05
-
-
3
CO2 [ppm] = word[0]
1
3
T = - 45 + 175 * word[1] / 216
3
RH = 100 * word[2] / 216
Example: read sensor output (500 ppm, 25 °C, 37 % RH)
Write
0xec05
(hexadecimal)
Command
Wait
1 ms
command execution time
Response
0x01f4
0x7b
0x6667
0xa2
0x5eb9
0x3c
(hexadecimal)
CO2 = 500 ppm
CRC of 0x01f4
Temp. = 25 °C
CRC of 0x6667
RH = 37 %
CRC of 0x5eb9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com