Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N063-001-ENC-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N063-001-ENC-R
Description  Right Cover for DIN-Rail Mounting Enclosure Module, TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N063-001-ENC-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N063-001-ENC-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N063-001-ENC-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N063-001-ENC-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Shipping Dimensions (hwd / in.)
7.87 x 4.33 x 0.50
Shipping Weight (lbs.)
0.02
Unit Dimensions (hwd / in.)
2.370 x 2.370 x 0.160
ENVIRONMENTAL
Operating Temperature Range
-13 to 122 F (-25 to 50 C)
Storage Temperature Range
-40 to 158 F (-40 to 70 C)
Operating Humidity Range
10% to 85% RH, Non-Condensing
Storage Humidity Range
10% to 85% RH, Non-Condensing
CONNECTIONS
Number of Ports
1
Side A - Connector 1
KEYSTONE JACK CUTOUT
FEATURES & SPECIFICATIONS
Keystone Jacks
No
All-in-One Kit
No
Down-Angled Ports
No
Built-in Cables
No
Color-Coded Connections
No
Numbered Ports
No
EIA/TIA 2/32 Spacing
No
Labeled Ports
No
IP68 Rated
No
Panel Applications
Ethernet
Antibacterial
No
IP20 Rated
No
STANDARDS & COMPLIANCE
Product Compliance
CE (Europe); REACH; RoHS; UKCA
WARRANTY & SUPPORT
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com