Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N063-001-ENC-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N063-001-ENC-R
Description  Right Cover for DIN-Rail Mounting Enclosure Module, TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N063-001-ENC-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N063-001-ENC-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N063-001-ENC-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N063-001-ENC-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Right Cover for DIN-Rail Mounting Enclosure
Module, TAA
MODEL NUMBER: N063-001-ENC-R
Protects an industrial DIN-rail RJ45 Ethernet cable connection in harsh conditions.
Features
Gives Full Coverage to a DIN-Rail Network Cable Connection in Harsh Industrial Environments
The N063-001-ENC-R is a durable plastic right cover compatible with the Tripp Lite N063-001-ENC-K1
DIN-Rail Mounting Enclosure Module, which comes with a left cover. This cover allows full coverage of the
module’s snap-in keystone jack and cabling for protection in harsh conditions.
TAA-Compliant for GSA Schedule Purchases
The N063-001-ENC-R is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible
for GSA (General Services Administration) Schedule and other federal procurement contracts.
Highlights
Durable plastic construction
recommended for industrial
Ethernet network applications
q
Right cover compatible with
Tripp Lite N063-001-ENC-K1
enclosure module
q
Compliant with the Federal
Trade Agreements Act (TAA) for
GSA Schedule purchases
q
System Requirements
Tripp Lite N063-001-ENC-K1 DIN-
Rail Mounting Enclosure Module
Package Includes
N063-001-ENC-R Right Cover for
DIN-Rail Mounting Enclosure
Module
OVERVIEW
UPC Code
037332276926
Technology
Cat5/5e; Cat6; Cat6a
Firmware / Software Docs
Offset Ports
No
PHYSICAL
Primary Form Factor
Din-Rail
Color
Gray
Material of Construction
PC FR Plastic
Total Number of Ports
1
1 / 3


Similar Part No. - N063-001-ENC-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N063-001-ENC-K1 TRIPPLITE-N063-001-ENC-K1 Datasheet
42Kb / 3P
DIN-Rail Mounting Enclosure Module for Snap-In Keystone Jacks and Couplers, Left Cover, TAA
More results

Similar Description - N063-001-ENC-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3950D ADVANTECH-ADAM-3950D Datasheet
66Kb / 1P
Wiring Terminals for DIN-rail Mounting
logo
Pepperl+Fuchs Inc.
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
Cover for DIN Mounting Rail
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-INS-05 PF-UPR-INS-05 Datasheet
453Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
Tripp Lite. All Rights ...
N063-001-ENC-K1 TRIPPLITE-N063-001-ENC-K1 Datasheet
42Kb / 3P
DIN-Rail Mounting Enclosure Module for Snap-In Keystone Jacks and Couplers, Left Cover, TAA
N063-002 TRIPPLITE-N063-002 Datasheet
46Kb / 3P
2-Port Metal DIN-Rail Mounting Module for Snap- In Keystone Jacks and Couplers, Silver, TAA
N063-003 TRIPPLITE-N063-003 Datasheet
48Kb / 3P
3-Port Metal DIN-Rail Mounting Module for Snap- In Keystone Jacks and Couplers, Silver, TAA
logo
FIBOX Enclosing innovat...
4712127 FIBOX-4712127 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
18.01.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com