Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM080104 Datasheet(PDF) 4 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 4 Page - Microchip Technology

  DM080104 Datasheet HTML 1Page - Microchip Technology DM080104 Datasheet HTML 2Page - Microchip Technology DM080104 Datasheet HTML 3Page - Microchip Technology DM080104 Datasheet HTML 4Page - Microchip Technology DM080104 Datasheet HTML 5Page - Microchip Technology DM080104 Datasheet HTML 6Page - Microchip Technology DM080104 Datasheet HTML 7Page - Microchip Technology DM080104 Datasheet HTML 8Page - Microchip Technology DM080104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1.
Introduction
1.1
Features
• ATtiny1627 Microcontroller
• One Yellow User LED
• One Mechanical User Switch
• Footprint for 32.768 kHz Crystal
• On-Board Debugger:
– Board identification in Atmel Studio/Microchip MPLAB® X IDE
– One green power and status LED
– Programming and debugging
– Virtual serial port (CDC)
– Two debug GPIO channels (DGI GPIO)
• USB Powered
• Adjustable Target Voltage:
– MIC5353 LDO regulator controlled by the on-board debugger
– 1.8-5.1V output voltage (limited by USB input voltage)
– 500 mA maximum output current (limited by ambient temperature and output voltage)
1.2
Kit Overview
The Microchip ATtiny1627 Curiosity Nano Evaluation Kit is a hardware platform to evaluate the ATtiny1627
microcontroller.
Figure 1-1. ATtiny1627 Curiosity Nano Evaluation Kit Overview
Micro USB
Connector
Debugger
Power/Status
LED
32.768 kHz
Crystal footprint
User LED
(LED0)
User Switch
(SW0)
ATtiny1627
MCU
ATtiny1627
Introduction
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com