Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM080104 Datasheet(PDF) 13 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 9Page - Microchip Technology DM080104 Datasheet HTML 10Page - Microchip Technology DM080104 Datasheet HTML 11Page - Microchip Technology DM080104 Datasheet HTML 12Page - Microchip Technology DM080104 Datasheet HTML 13Page - Microchip Technology DM080104 Datasheet HTML 14Page - Microchip Technology DM080104 Datasheet HTML 15Page - Microchip Technology DM080104 Datasheet HTML 16Page - Microchip Technology DM080104 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
The figure below shows the monitoring of the digital state of a mechanical switch connected to a debug GPIO in
MPLAB Data Visualizer.
Figure 3-2. Monitoring Debug GPIO with MPLAB® Data Visualizer
Debug GPIO channels are timestamped, so the resolution of DGI GPIO events is determined by the resolution of the
DGI timestamp module.
Important:  Although bursts of higher-frequency signals can be captured, the useful frequency range of
signals for which debug GPIO can be used is up to about 2 kHz. Attempting to capture signals above this
frequency will result in data saturation and overflow, which may cause the DGI session to be aborted.
3.1.4.2
Timestamping
DGI sources are timestamped as they are captured by the debugger. The timestamp counter implemented in the
Curiosity Nano debugger increments at 2 MHz frequency, providing a timestamp resolution of a half microsecond.
3.2
Curiosity Nano Standard Pinout
The 12 edge connections closest to the USB connector on Curiosity Nano boards have a standardized pinout. The
program/debug pins have different functions depending on the target programming interface, as shown in the table
and figure below.
Table 3-3. Curiosity Nano Standard Pinout
Debugger Signal
Target MCU
Description
ID
—
ID line for extensions
CDC TX
UART RX
USB CDC TX line
CDC RX
UART TX
USB CDC RX line
DBG0
UPDI
Debug data line
DBG1
GPIO1
debug GPIO1
DBG2
GPIO0
debug GPIO0
DBG3
RESET
Reset line
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com