Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS095T Datasheet(PDF) 2 Page - Microchip Technology

Part # MPFS095T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS095T Datasheet(HTML) 2 Page - Microchip Technology

  MPFS095T Datasheet HTML 1Page - Microchip Technology MPFS095T Datasheet HTML 2Page - Microchip Technology MPFS095T Datasheet HTML 3Page - Microchip Technology MPFS095T Datasheet HTML 4Page - Microchip Technology MPFS095T Datasheet HTML 5Page - Microchip Technology MPFS095T Datasheet HTML 6Page - Microchip Technology MPFS095T Datasheet HTML 7Page - Microchip Technology MPFS095T Datasheet HTML 8Page - Microchip Technology MPFS095T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
– Boot directly from eNVM
• Platform interrupt controller
– 185 interrupt sources from the microprocessor subsystem and FPGA fabric with seven priority levels
• Local interrupt controller
– 48 local interrupts sourced from the FPGA drive the local interrupt controller on each core
• Debug
– Ten hardware triggers per CPU (triggers can be configured as a breakpoint or a watchpoint)
– Instruction trace on all CPUs
– Performance counters
– Runtime-configurable AXI bus monitors
• Monitor AXI commands to DDR
• Monitor an AXI port going into or out of the AMBA I/O AXI switch
– 32-bit fabric monitor
– SmartDebug
• Dynamically monitor any two nets in the FPGA on two pins without changing the FPGA design
• Read/write to FPGA flip-flops and memories
• Halt clock trees, inspect logic tree
• FPGA breakpoints
• SmartDebug integrated into processor debug transport layer—debug from a single tool chain
– Secure debug remotely over Ethernet (both the processor subsystem and the FPGA design)
• Processor I/O
– Two GigE MACs
– One USB 2.0 OTG
– MMC 5.1 SD/SDIO
– Two CAN 2.0 A and B
– Execute in place Quad SPI flash controller
– Five multi-mode UARTs
– Two SPI, two I2C
– RTC, GPIO
– Five watchdog timers
– Timers
• Processor to FPGA Interconnect
– Two 64-bit processor-fabric bidirectional AXI4 interfaces
– One 64-bit fabric-to-processor AXI4 interface
– One 32-bit processor-to-fabric APB interface
FPGA Features
• Up to 461k logic elements consisting of a 4-input look-up table (LUT) with a fractureable D-type flip-flop
• 20 Kb dual- or two-port large static random access memory (LSRAM) block with built-in SECDED
• 64 × 12 two-port µRAM block implemented as an array of latches
• 18 × 18 math block with a pre-adder, a 48-bit accumulator, and an optional 16-deep × 18 coefficient ROM
• Built-in µPROM, modifiable at program time and readable at run time for user data storage
• High-speed serial connectivity with built-in, multi-gigabit, multi-protocol transceivers from 250 Mbps to 12.7 Gbps
• Integrated dual x4 PCIe Gen2 endpoint (EP) and root port (RP) designs
• High-speed I/O (HSIO) supporting up to 1600 Mbps DDR4, 1333 Mbps DDR3L, and 1333 Mbps LPDDR3/DDR3
memories with integrated I/O digital
• General-purpose I/O (GPIO) supporting 3.3 V, built-in CDR for serial gigabit Ethernet, 1067 Mbps DDR3, and
1250 Mbps LVDS I/O speed with integrated I/O digital logic
• Low-power, phase-locked loops (PLLs) and delay-locked loops (DLLs) for high precision and low jitter
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com