Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS095T Datasheet(PDF) 21 Page - Microchip Technology

Part # MPFS095T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS095T Datasheet(HTML) 21 Page - Microchip Technology

Back Button MPFS095T Datasheet HTML 17Page - Microchip Technology MPFS095T Datasheet HTML 18Page - Microchip Technology MPFS095T Datasheet HTML 19Page - Microchip Technology MPFS095T Datasheet HTML 20Page - Microchip Technology MPFS095T Datasheet HTML 21Page - Microchip Technology MPFS095T Datasheet HTML 22Page - Microchip Technology MPFS095T Datasheet HTML 23Page - Microchip Technology MPFS095T Datasheet HTML 24Page - Microchip Technology MPFS095T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
• Hardware-selectable option for 8-bit/4-bit LPI interface
• Vendor control and status register enabled with width of 4 and 8, respectively
• Number of DMA channels: 4
• Dynamic FIFO support allows dynamic allocation of buffer depth per enabled endpoint
3.5.4
User Crypto
PolarFire SoC embeds an Athena TeraFire F5200B side channel resistant crypto coprocessor and is available on
"S" data security devices. For the list of devices that support data security, see Table 9-1. PolarFire SoC Offerings.
The user crypto core can be mapped between the MSS and the FPGA fabric via a hardware based handshaking
mechanism. The crypto core also supports the F5200B streaming interface directly into the fabric. Internal memories
in the Athena core are SECDED protected.
3.5.4.1
TeraFire EXP-F5200B Supported Protocols Features
• TRNG SP800-90A CTR_DRBG-2565; SP800-90B (draft) NRBG
• AES 128/192/256 key lengths E/D (ECB, CBC, CTR, OFB, CFB, GCM, KeyWrap)
• SHA-1/224/256/384/512
• HMAC-SHA-1/224/256/384/512; GMAC-AES; CMAC-AES
• SHA-256 Key Tree
• ECC: NIST P256/384/521 and Brainpool P256/384/512 curves; KeyGen, KAS - ECC CDH, ECDSA SigGen &
SigVer, PKG, PKV
• IFC: 1024/1536/2048/3072/4096 RSA E/D; SSA_PKCS1_V1_5 SigGen & SigVer; ANSI X9.31 SigGen & SigVer
• FFC: 1024/153/2048/3072/4096; KAS - DH, DSA SigGen & SigVer
3.5.5
Controller Area Network
PolarFire SoC integrates two controller area network cores compliant to CAN 2.0 A and B and conforms to ISO
11898-1. Internal message SRAM is SECDED-protected. The following are CAN controller features.
3.5.5.1
Receive Path
• 32 receive buffers
• Each buffer has its own message filter
• Message filter covers: ID, IDE, RTR, data byte 1, and data byte 2
• Message buffers can be linked together to build a bigger message array
• Automatic remote transmission request (RTR) response handler with optional generation of RTR interrupt
3.5.5.2
Transmit Path
• 32 Tx message holding registers with programmable priority arbitration
• Message abort command
• Single-shot transmission (no automatic re-transmission upon error or arbitration loss)
3.5.5.3
Debugging Support
• Listen only mode
• Internal loop back mode
• External loop back mode
• Error capture register
• SRAM test mode to support software based memory testing (SRAM is addressable by the CPUs if the core is
disabled)
3.5.6
QSPI XIP Controller
PolarFire SoC integrates a Quad SPI (QSPI) flash controller with eXecute In Place (XIP) capabilities. The following
are QSPI features.
• Master SPI Data Rate
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com