Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T-1FCVG784E Datasheet(PDF) 42 Page - Microchip Technology

Part # MPFS250T-1FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG784E Datasheet(HTML) 42 Page - Microchip Technology

Back Button MPFS250T-1FCVG784E Datasheet HTML 38Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 39Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 40Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 41Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 42Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 43Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 44Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 45Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
Units
Max
Min
Symbol
Parameter
MHz
25
FSSPICLK
SPI slave mode device
clock frequency
6.1.12
I2C
The following table describes I2C.
Table 53 • I2C
Conditions
Units
Max
Typ
Min
Symbol
Parameter
See Single-End-
ed I/O Stan-
V
0.8
–0.3
VIL
Input low volt-
age
dards for more
information. I/
O standard used
for illustration:
MSSIO bank–LV-
TTL 8 mA low
drive.
See Single-End-
ed I/O Stan-
V
3.45
2
VIH
Input high volt-
age
dards for more
information. I/
O standard used
for illustration:
MSSIO bank–LV-
TTL 8 mA low
drive.
V
0.05 x VDDI
Vhys
Hysterisis of S-
chmitt trigger
inputs for VDDI
> 2 V
See Single-End-
ed I/O Stan-
V
0.4
VOL
Output low volt-
age (open drain)
dards for more
at 3 mA sink
information. I/
current for VDDI
> 2 V
O standard used
for illustration:
MSSIO bank–LV-
TTL 8 mA low
drive.
Standard mode
ns
1000
tr
Rise time for in-
put clock and
data
Fast mode
ns
300
CLOAD=400 pF
ns
21
tfo
Output fall time
from Vihmin to
Vilmax
CLOAD=100 pF
ns
6
Fast mode
KHz
400
FI2C
SCL clock fre-
quency
Standard mode
KHz
100
38
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com