Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T-1FCVG784E Datasheet(PDF) 17 Page - Microchip Technology

Part # MPFS250T-1FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG784E Datasheet(HTML) 17 Page - Microchip Technology

Back Button MPFS250T-1FCVG784E Datasheet HTML 13Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 14Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 15Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 16Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 17Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 18Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 19Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 20Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
Unit
Max
Min
Symbol
Parameter
ms
50
0.2
VDD_XCVR_CLK
Transceiver reference
clock supply
ms
50
0.2
XCVRVREF
Global VREF for
transceiver reference
clocks
Note: For proper operation of programming recovery mode, if a VDD supply brownout occurs during
programming, a minimum supply ramp down time for only the VDD supply is recommended to be 10 ms
or longer by using a programmable regulator or on-board capacitors.
5.2.2.2
Hot Socketing
The following table lists the hot socketing DC characteristics over recommended operating conditions.
Table 13 • Hot Socketing DC Characteristics over Recommended Operating Conditions
Condition
Unit
Max
Typ
Min
Symbol
Parameter
VDDA = 0 V
mA
±4
XCVRRX_HS
Current per
transceiver Rx
input pin (P or
N single-ended)
1
, 2
VDDA = 0 V
mA
±10
XCVRTX_HS
Current per
transceiver Tx
output pin (P or
N single-ended)
3
VDD_XCVR_CLK = 0
V
mA
±1
XCVRREF_HS
Current per
transceiver refer-
ence clock input
pin (P or N sin-
gle-ended)
4
VDDIx = 0 V
mA
±1
IGPIO_HS
Current per GPI-
O pin (P or N
single-ended)
5
Hot socketing is
not supported
in HSIO.
Current per HSI-
O pin (P or N
single-ended)
1. Assumes device is powered-down, all supplies are grounded, AC-coupled interface, and input pin pairs
are driven by a CML driver at the maximum amplitude (1 V pk–pk) that is toggling at any rate with PRBS7
data.
2. Each P and N transceiver input has less than the specified maximum input current.
3. Each P and N transceiver output is connected to a 40 Ω resistor (50 Ω CML termination—20% tolerance)
to the maximum allowed output voltage (VDDAmax + 0.3 V = 1.4 V) through an AC-coupling capacitor with
all PolarFire SoC device supplies grounded. This shows the current for a worst-case DC coupled interface.
As an AC-coupled interface, the output signal will settle at ground and no hot socket current will be
seen.
4. VDD_XCVR_CLK is powered down and the device is driven to –0.3 V < VIN < VDD_XCVR_CLK.
13
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com