Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISMART Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISMART
Description  Wi-Fi, BT/BLE & NFC IoT Arduino Shields
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISMART Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISMART Datasheet HTML 1Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 2Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 3Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 4Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 5Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 6Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISMART Product Brief
DOC-PB-20108-1.1
www.Inventeksys.com
Inventek Systems
Page 2
1
General Description
The Inventek ISMART (Inventek Systems Module Arduino Test) IoT platform is a user-
friendly Arduino compliant shield suited for all of your wireless application needs.
The ISMART platform enables customers to quickly launch IoT products based on a
host MCU of your choice and Broadcom’s Wi-Fi, BT/BLE and NFC combo radios. The
robust user friendly Inventek AT command set FW, IWIN (Inventek Wireless
Interoperability Network), makes it easy to take any Host microcontroller and
communicate with any Inventek eS-WiFi (embedded Serial Wi-Fi), module, thus
allowing customers to quickly get a Wi-Fi connected application up and running.
The ISMART shield is an embedded wireless internet connectivity platform that
operates in the 2.4 & 5.0 GHz spectrum. The ISMART hardware includes the option for
an Inventek eS-WiFi module consisting of the Broadcom BCM43362 (2.4GHz), or
BCM43341/0 Dual-Band (2.4GHz / 5GHz) 802.11 a/b/g/n MAC/Baseband/Radio with
Integrated Bluetooth 4.0 and NFC.
The ISMART shield is compatible with the Arduino UNO R3 connector layout. The
Inventek eS-WiFi module options supported by ISMART require no operating system
and contain an integrated TCP/IP stack. The Inventek eS-WiFi modules can be used
with Inventek’s AT Command Set FW, IWIN (Inventek Wireless Interoperability
Network), or with Broadcom’s WICEDTM (Wireless Internet Connectivity for Embedded
Devices ), SDK 3.1.2 or later.
ISMART Hardware Features:
Uses the Inventek ISM43341/0 or ISM43362 eS-WiFi modules leveraging Broadcom’s leading edge
radio devices.
Includes an ST Microcontroller Cortex M3 STM32F204 (ISM43362) or Cortex M4 STM32F405
(ISM43341/0), MCU.
Bluetooth 4.0 including BLE support.
2.4GHz (ISM43362) or 2.4/5 GHz (ISM43341/0), chip antenna on module.
U.FL external antenna connector option for both modules
Configurable using Inventek AT Commands FW (IWIN).
Host interface: UART, SPI.
Input Power: 5.0 V
Near Field Communication (NFC option), with the ISM43341/0 modules.
Dual Port FTDI for firmware development and testing.
SPI Flash for Over The Air (OTA) updates
FCC, IC and CE approval on all module options.
All eS-WiFi module options also support a standard L44 form factor to enable customers to migrate
between module options once in mass production without requiring any board layout changes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com