Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISMART Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISMART
Description  Wi-Fi, BT/BLE & NFC IoT Arduino Shields
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISMART Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISMART Datasheet HTML 1Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 2Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 3Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 4Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 5Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 6Page - List of Unclassifed Manufacturers ISMART Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISMART Product Brief
DOC-PB-20108-1.1
www.Inventeksys.com
Inventek Systems
Page 4
2
ISMART eS-WiFi Module Part Number Detail Description
ISMART43362-E
2.4 GHz Wi-Fi Shield w/ ISM43362-
M3G-L44-E eS-WiFi module
On board Antenna
ISMART43340-C
2.4 & 5 GHz Wi-Fi & Bluetooth Shield
w/ ISM43340-M4G-L44 eS-WiFi
module
On board Antenna
ISMART43341-C
2.4 & 5 GHz Wi-Fi & Bluetooth Shield
and NFC w/ ISM43341-M4G-L44 eS-
WiFi module
On board Antenna
2.1 The ISMART
–ST Nucleo-Arduino Pin Out Map Example:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com