Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG484E Datasheet(PDF) 24 Page - Microchip Technology

Part # MPFS250TL-FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484E Datasheet(HTML) 24 Page - Microchip Technology

Back Button MPFS250TL-FCVG484E Datasheet HTML 20Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 21Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 22Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 23Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 24Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 25Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 26Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 27Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
5. HSIO receiver only.
6. GPIO receiver only.
7. LVDS25 (GPIO) and LVDS18 (HSIO) configurations should be used in conjunction with I/O CDR when
implementing SGMII receivers.
Table 17 • Differential DC Output Levels
VOD
2
Max (V)
VOD
2
Typ (V)
VOD
2
Min (V)
VOCM
Max (V)
VOCM
Typ (V)
VOCM
1
Min (V)
Bank Type
I/O Standard
0.45
0.35
0.25
1.375
1.2
1.125
GPIO
LVDS33
0.45
0.35
0.25
1.375
1.2
1.125
GPIO
LVDS25
4
0.45
0.35
0.25
0.7
0.6
0.45
GPIO
LCMDS33
0.45
0.35
0.25
0.7
0.6
0.45
GPIO
LCMDS25
0.23
0.2
0.17
1.375
1.2
1.125
GPIO
RSDS33
0.23
0.2
0.17
1.375
1.2
1.125
GPIO
RSDS25
0.6
0.4
0.3
2.375
1.2
1.125
GPIO
MINILVDS33
0.6
0.4
0.3
2.375
1.2
1.125
GPIO
MINILVDS25
0.3
0.15
0.1
1.0
0.9
0.8
GPIO
SUBLVDS33
0.3
0.15
0.1
1.0
0.9
0.8
GPIO
SUBLVDS25
0.23
0.2
0.17
1.4
0.8
0.05
GPIO
PPDS33
0.23
0.2
0.17
1.4
0.8
0.05
GPIO
PPDS25
0.15
0.135
0.12
0.3
0.2
0.1
GPIO, HSIO
SLVSE15
3
0.272
0.262
0.24
1.31
1.25
1.15
GPIO
BUSLVDSE25
3
0.453
0.442
0.396
1.31
1.25
1.15
GPIO
MLVDSE25
3
0.755
0.722
0.664
1.74
1.65
1.51
GPIO
LVPECLE33
3
0.27
0.2
0.14
0.25
0.2
0.15
GPIO
MIPIE25
3
1. VOCM is the output common mode voltage.
2. VOD is the output differential voltage.
3. Emulated output only, using external resistors.
4. LVDS25 configuration should be used when implementing SGMII transmitters.
5.3.3
Complementary Differential DC Input and Output Levels
The following tables list the complementary differential DC I/O levels.
20
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com