Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG484E Datasheet(PDF) 37 Page - Microchip Technology

Part # MPFS250TL-FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484E Datasheet(HTML) 37 Page - Microchip Technology

Back Button MPFS250TL-FCVG484E Datasheet HTML 33Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 34Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 35Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 36Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 37Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 38Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 39Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 40Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
Units
Max
Typ
Min
Symbol
Parameter
ns
2.0
TEMMCHSCKD
Input hold time, all
inputs
MHz
25
FEMMCHSCLK
eMMC clock fre-
quency
Table 40 • eMMC High-Speed SDR Interface
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCEMMCHSCLK
eMMC high-speed
SDR clock duty cy-
cle
ns
16.8
3.2
TEMMCHSCKO
Clock to output de-
lay, all outputs
2
UI
0.4
TEMMCDIVW
Input valid data
window
3
MHz
50
TEMMCHSCLK
eMMC high-speed
SDR clock frequen-
cy
Table 41 • eMMC High-Speed DDR Interface
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCEMMCDDRCLK
eMMC high-speed
DDR clock duty cy-
cle
ns
7.3
2.7
TEMMCDDRSCKO1
Data clock to out-
put delay
ns
3.5
TEMMCDDRIVW
Input valid data
window
3
ns
16.0
3.2
TEMMCDDRSCKO2
Command clock to
output delay
ns
3.9
TEMMCDDRSCK2
Command input
setup time
ns
2.5
TEMMCDDRSCKD2
Command input
hold time
MHz
50
TEMMCDDRCLK
eMMC high-speed
DDR clock frequen-
cy
Table 42 • eMMC HS200 Interface
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCEMMCHS200CLK
eMMC HS200 clock
duty cycle
33
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com