Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG484E Datasheet(PDF) 112 Page - Microchip Technology

Part # MPFS250TL-FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484E Datasheet(HTML) 112 Page - Microchip Technology

Back Button MPFS250TL-FCVG484E Datasheet HTML 108Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 109Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 110Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 111Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 112Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 113Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 114Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 115Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
Unit
Max
Typ
Symbol
Parameter
μs
4.5
4
TINST_PUB_INFO
1, 2
μs
3
2.5
TINST_ZERO_RECO
1, 2
μs
180
170
TINST_PASSCODE_FAIL
1, 2
μs
110
92
TINST_KEY_VAL_FAIL
1, 2
μs
5
4
TINST_UNUSED
1, 2
ns
23
17
TCLEAR_FLAG
Time from sending the
CLEAR to deassertion on
FLAG
1. The timing does not impact the user design, but it is useful for security analysis.
2. System service requests from the fabric will interrupt the system controller delaying the generation of
the flag.
3. Timing of these depends highly on supply ramp rate.
Table 140 • Tamper Macro Response Timing Characteristics
Unit
Max
Typ
Symbol
Parameter
ns
63
45
TIO_DISABLE
Time from triggering the
response to all I/Os dis-
abled
ns
51
34
TCLR_IO_DISABLE
Time from negation of
RESPONSE to all I/Os re-
enabled
ns
20
TLOCKDOWN
Time from triggering the
response to security
locked
ns
20
TCLR_LOCKDOWN
Time from negation of
RESPONSE to earlier se-
curity unlock condition
μs
14
11.7
Ttr_RESET
Time from triggering the
response to device en-
ters RESET
ms
8.2
7.4
Ttr_ZEROLISE
Time from triggering the
response to start of ze-
roization
6.9.5
System Controller Suspend Switching Characteristics
The following table describes the characteristics of system controller suspend switching.
108
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com