Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG484I Datasheet(PDF) 45 Page - Microchip Technology

Part # MPFS250TL-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484I Datasheet(HTML) 45 Page - Microchip Technology

Back Button MPFS250TL-FCVG484I Datasheet HTML 41Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 42Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 43Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 44Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 45Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 46Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 47Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 48Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
0.90
VREF
VREF + 0.5
VREF – 0.5
SSTL 1.8 V
Class I
SSTL18I
V
0.90
VREF
VREF + 0.5
VREF – 0.5
SSTL 1.8 V
Class II
SSTL18II
V
0.75
VREF
VREF + .175
VREF – .175
SSTL 1.5 V
Class I
SSTL15I
V
0.75
VREF
VREF + .175
VREF – .175
SSTL 1.5 V
Class II
SSTL15II
V
0.675
VREF
VREF + .16
VREF – .16
SSTL 1.35 V
Class I
SSTL135I
V
0.675
VREF
VREF + .16
VREF – .16
SSTL 1.35 V
Class II
SSTL135II
V
0.75
VREF
VREF + .5
VREF – .5
HSTL 1.5 V
Class I
HSTL15I
V
0.75
VREF
VREF + .5
VREF – .5
HSTL 1.5 V
Class II
HSTL15II
V
0.675
VREF
VREF + .45
VREF – .45
HSTL 1.35
V Class I
HSTL135I
V
0.675
VREF
VREF + .45
VREF – .45
HSTL 1.35
V Class II
HSTL135II
V
0.60
VREF
VREF + .4
VREF – .4
HSTL 1.2 V
Class I
HSTL12I
V
0.60
VREF
VREF + .4
VREF – .4
HSTL 1.2 V
Class II
HSTL12II
V
0.90
VREF
VREF + .54
VREF – .54
HSUL 1.8 V
Class I
HSUL18I
V
0.90
VREF
VREF + 0.54
VREF – .54
HSUL 1.8 V
Class II
HSUL18II
V
0.60
VREF
VREF + .22
VREF – .22
HSUL 1.2 V
HSUL12I
V
0.84
VREF
VREF + .15
VREF – .15
Pseudo
open drain
POD12I
(POD) logic
1.2 V Class I
V
0.84
VREF
VREF + .15
VREF – .15
POD 1.2 V
Class II
POD12II
V
0
1.250
0.250
VICM + .125
VICM – .125
Low-voltage
differential
LVDS33
signaling (L-
VDS) 3.3 V
V
0
1.250
0.250
VICM + .125
VICM – .125
LVDS 2.5 V
LVDS25
41
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com