Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG484I Datasheet(PDF) 15 Page - Microchip Technology

Part # MPFS250TL-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484I Datasheet(HTML) 15 Page - Microchip Technology

Back Button MPFS250TL-FCVG484I Datasheet HTML 11Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 12Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 13Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 14Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 15Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 16Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 17Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 18Page - Microchip Technology MPFS250TL-FCVG484I Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
Table 10 • Maximum Overshoot During Transitions for GPIO
Condition (V)
AC (VIN) Overshoot Duration as % at TJ = 100 °C
3.8
100
3.85
100
3.9
100
3.95
100
4
70
4.05
50
4.1
33
4.15
22
4.2
14
4.25
9.8
4.3
6.5
4.35
4.4
4.4
3
4.45
2
4.5
1.4
4.55
0.9
4.6
0.6
Note: Overshoot level is for VDDI at 3.3 V.
The following table lists the maximum AC input voltage (VIN) undershoot duration for GPIO.
Table 11 • Maximum Undershoot During Transitions for GPIO
Condition (V)
AC (VIN) Undershoot Duration as % at TJ = 100 °C
–0.5
100
–0.55
100
–0.6
100
–0.65
100
–0.7
100
–0.75
100
–0.8
100
11
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com