Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG784E Datasheet(PDF) 47 Page - Microchip Technology

Part # MPFS250TL-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG784E Datasheet(HTML) 47 Page - Microchip Technology

Back Button MPFS250TL-FCVG784E Datasheet HTML 43Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 44Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 45Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 46Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 47Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 48Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 49Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 50Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
0
0.350
0.250
VICM + .125
VICM – .125
High-speed
current
HCSL33
steering log-
ic (HCSL) 3.
3 V
V
0
0.350
0.250
VICM + .125
VICM – .125
HCSL 2.5 V
HCSL25
V
0
0.350
0.250
VICM + .125
VICM – .125
HCSL 1.8 V
HCSL18
V
0
1.250
0.250
VICM + .125
VICM – .125
Bus LVDS 2.
5 V
BLVDSE25
6
V
0
1.250
0.250
VICM + .125
VICM – .125
Multipoint
LVDS 2.5 V
MLVDSE25
6
V
0
1.650
0.250
VICM + .125
VICM – .125
Low-voltage
positive
LVPECL33
emitter cou-
pled logic
V
0
1.650
0.250
VICM + .125
VICM – .125
Low-voltage
positive
LVPECLE33
6
emitter cou-
pled logic
V
0
1.250
0.250
VICM + .125
VICM – .125
Differential
SSTL 2.5 V
Class I
SSTL25I
V
0
1.250
0.250
VICM + .125
VICM – .125
Differential
SSTL 2.5 V
Class II
SSTL25II
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.8 V
Class I
SSTL18I
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.8 V
Class II
SSTL18II
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.5 V
Class I
SSTL15I
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.5 V
Class II
SSTL15II
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.35 V
Class I
SSTL135I
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
SSTL 1.35 V
Class I
SSTL135II
43
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com