Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TL-FCVG784E Datasheet(PDF) 50 Page - Microchip Technology

Part # MPFS250TL-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG784E Datasheet(HTML) 50 Page - Microchip Technology

Back Button MPFS250TL-FCVG784E Datasheet HTML 46Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 47Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 48Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 49Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 50Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 51Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 52Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 53Page - Microchip Technology MPFS250TL-FCVG784E Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
VREF (V)
VMEAS (V)
CREF (pF)
RREF (Ω)
Description
Standard
0.9
VREF
0
50
High-speed untermi-
nated logic 1.8 V C-
lass I
HSUL18I
0.9
VREF
0
50
HSUL 1.8 V Class II
HSUL18II
0.6
VREF
0
50
HSUL 1.2 V Class I
HSUL12I
0.84
VREF
0
50
Pseudo open drain
(POD) logic 1.2 V C-
lass I
POD12I
0.84
VREF
0
50
POD 1.2 V Class II
POD12II
0
0
1
0
100
LVDS 3.3 V
LVDS33
0
0
1
0
100
LVDS 2.5 V
LVDS25
0
0
1
0
100
Low-common
mode differential
LCMDS33
signaling (LCMDS)
3.3 V
0
0
0
100
LCMDS 2.5 V
LCMDS25
0
0
1
0
100
Reduced swing dif-
ferential signaling 3
.3 V
RSDS33
0
0
1
0
100
RSDS 2.5 V
RSDS25
0
0
1
0
100
Mini-LVDS 3.3 V
MINILVDS33
0
0
1
0
100
Mini-LVDS 2.5 V
MINILVDS25
0
0
1
0
100
Sub-LVDS 3.3 V
SUBLVDS33
0
0
1
0
100
Sub-LVDS 2.5 V
SUBLVDS25
0
0
1
0
100
Point-to-point dif-
ferential signaling 3
.3 V
PPDS33
0
0
1
0
100
PPDS 2.5 V
PPDS25
0
0
1
0
100
Scalable low-volt-
age signaling 3.3 V
SLVS33
0
0
1
0
100
SLVS 2.5 V
SLVS25
0
0
1
0
100
SLVS 1.5 V
SLVSE15
0
0
1
0
100
High-speed current
steering logic 3.3 V
HCSL33
0
0
1
0
100
HCSL 2.5 V
HCSL25
46
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com