Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7232 Datasheet(PDF) 14 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232 Datasheet(HTML) 14 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7232 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 16Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AM7232
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 14 -
Packaging outline --- DFN 7X7 16L
Unit : mm
reference JEDEC MO229(D)VJGD-2
SYMBOL
MILLIMETERS
INCHES
Min.
Max.
Min.
Max.
A
-
0.90
-
0.035
A1
-
0.05
-
0.002
A2
-
0.70
-
0.028
A3
0.20 REF
0.008 REF
b
0.20
0.40
0.008
0.016
D
7.00 BSC
0.276 BSC
E
7.00 BSC
0.276 BSC
D2
5.30
5.50
0.209
0.217
E2
5.30
5.50
0.209
0.217
L
0.35
0.45
0.014
0.018
e
0.80 BSC
0.030 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com