Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7232 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7232 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AM7232
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 3 -
Block Diagram
Fig.1 Block diagram
Pin Description
PIN No Pin Name
Function
PIN No Pin Name
Function
1
OUT2
Motor output terminal
9
RMI
Minimum Speed setting terminal
2
NC
No Connect
10
VL
Hi duty slope setting terminal
3
GND
Analog ground terminal
11
VH
Low duty slope setting terminal
4
NC
No Connect
12
VREF
Reference Voltage terminal
5
H+
Hall input terminal
13
PWM
PWM signal input terminal
6
HB
Hall Bias
14
VCC
Power supply terminal
7
H-
Hall input terminal
15
NC
No Connect
8
FG
FG signal output terminal
16
OUT1
Motor output terminal
E-pad
PGND
Power ground terminal
Truth Table
H+
H-
PWM
OUT1
OUT2
FG
Mode
H
L
H
H
L
L (Output Tr : ON)
Operation mode
L
H
L
H
Z (Output Tr : OFF)
H
L
L
L
L
L (Output Tr : ON)
L
H
L
L
Z (Output Tr : OFF)
H
L
-
L
L
L (Output Tr : ON)
Lock mode
L
H
L
L
Z (Output Tr : OFF)
Z:Open drain output (High impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com