Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRT2010 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # CSRT2010
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT2010 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  CSRT2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev Date: 3/28/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Soldering Profiles
Performance Characteristics (cont.)
Test Item
Test Method
Test Condition
Test Limits
Bending Strength
JIS C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds.
D: 0201, 0402, 0603, 0805 = 5 mm
1206, 1210, 0612 = 3 mm
2010, 2512, 1020, 1225 = 2 mm
± (1% + 0.001Ω)
No visual damage
Operating temperature range for 2512-UP is -55°C to +170°C
Operating temperature range is -55°C to +155°C for all sizes except 2512-UP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com