Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRT2010 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # CSRT2010
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT2010 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  CSRT2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT2010 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev Date: 3/28/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Packaging Specifications - Embossed Tape
RoHS Compliance Status
CSRT
Thin Film Current Sensing Resistor
SMD
YES
100% Matte Sn over Ni
Always
Always
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Type/Code
Unit
0.110 ± 0.008
0.220 ± 0.008
inches
2.80 ± 0.20
5.60 ± 0.20
mm
0.134 ± 0.008
0.264 ± 0.008
inches
3.40 ± 0.20
6.70 ± 0.20
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
mm
0.110 ± 0.008
0.220 ± 0.008
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
4.00 ± 0.10
inches
2.80 ± 0.20
5.60 ± 0.20
mm
0.134 ± 0.008
0.264 ± 0.008
inches
3.40 ± 0.20
6.70 ± 0.20
mm
CSRT1020
CSRT1225
E
F
G
CSRT2010
CSRT2512 (-UP)
A
B
W
Type/Code
D
Unit
0.079 ± 0.002
0.009 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
0.059 +0.004/-0
0.059 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
1.50 +0.10/-0
1.50 ± 0.10
mm
CSRT1020
CSRT1225
D1
CSRT2010
CSRT2512 (-UP)
H
T
T1
P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com