Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF2010 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # CSRF2010
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF2010 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  CSRF2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev Date: 6/28/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– CSRF0805…-HP
Mechanical Specifications
– CSRF1206
Mechanical Specifications
– CSRF0508
Mechanical Specifications
– CSRF2512
0.047 ± 0.010
0.079 ± 0.010
0.026 ± 0.008
0.017 ± 0.008
inches
1.20 ± 0.25
2.00 ± 0.25
0.65 ± 0.20
0.43 ± 0.20
mm
T
Unit
Body Length
Body Width
Body Height
Bottom Termination
CSRF0508
Type/Code
L
W
H
0.122 ± 0.008
0.061 ± 0.008
0.031 ± 0.006
0.020 ± 0.008
0.022 ± 0.008
inches
3.10 ± 0.20
1.55 ± 0.20
0.80 ± 0.15
0.50 ± 0.20
0.55 ± 0.20
mm
CSRF1206
T
Type/Code
Unit
Body Length
Body Width
Body Height
Bottom Termination
L
W
H
A
Top Termination
0.252 ± 0.012
0.126 ± 0.012
0.030 ± 0.012
0.055 ± 0.022
inches
6.40 ± 0.30
3.20 ± 0.30
0.75 ± 0.30
1.40 ± 0.55
mm
CSRF2512
Unit
Body Length
Body Width
Body Height
Bottom Termination
Type/Code
L
W
H
T
0.083 ± 0.008
0.051 ± 0.006
0.028 ± 0.006
0.018 ± 0.008
inches
2.10 ± 0.20
1.30 ± 0.15
0.70 ± 0.15
0.45 ± 0.20
mm
CSRF0805…-HP
Unit
Body Length
Body Width
Body Height
Bottom Termination
Type/Code
L
W
H
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com