Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF2010 Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # CSRF2010
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF2010 Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button CSRF2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSRF2010 Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev Date: 6/28/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications
– Embossed Plastic Tape
Type/Code
Unit
0.181 ± 0.004
0.295 ± 0.004
0.069 ± 0.004
0.217 ± 0.004
0.472 ± 0.012
0.157 ± 0.004
Inches
4.60 ± 0.10
7.50 ± 0.10
1.75 ± 0.10
5.50 ± 0.10
12.00 ± 0.30
4.00 ± 0.10
mm
0.211 ± 0.004
0.462 ± 0.004
0.069 ± 0.004
0.453 ± 0.004
0.945 ± 0.012
0.157 ± 0.004
Inches
5.36 ± 0.10
11.74 ± 0.10
1.75 ± 0.10
11.50 ± 0.10
24.00 ± 0.30
4.00 ± 0.10
mm
Type/Code
Unit
0.315 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.061 ± 0.004
0.010 ± 0.002
0.039 ± 0.004
Inches
8.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.55 ± 0.10
0.25 ± 0.05
1.00 ± 0.10
mm
0.315 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.059 ± 0.010
0.013 ± 0.004
0.077 ± 0.004
Inches
8.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.50 ± 0.25
0.33 ± 0.10
1.96 ± 0.10
mm
CSRF2817
CSRF4320
CSRF4320
CSRF2817
W
P0
A
B
E
F
D0
D1
T1
T2
P1
P2
Size
a
b
c
Unit
0.012
0.024
0.024
inches
0.30
0.60
0.60
mm
CSRF0402
0.020
0.020
0.024
inches
0.008 Ω - 0.02 Ω
0.50
0.50
0.60
mm
CSRF0603
0.014
0.043
0.039
inches
0.002 Ω - 0.004 Ω
0.35
1.10
1.00
mm
CSRF0603
0.024
0.035
0.039
inches
0.005 Ω - 0.009 Ω
0.60
0.90
1.00
mm
CSRF0603
0.035
0.028
0.039
inches
0.01 Ω - 0.03 Ω
0.90
0.70
1.00
mm
0.047
0.047
0.055
inches
1.20
1.20
1.40
mm
0.024
0.043
0.091
inches
0.60
1.10
2.30
mm
0.087
0.051
0.071
inches
2.20
1.30
1.80
mm
0.024
0.051
0.142
inches
0.60
1.30
3.60
mm
CSRF2010
0.063
0.093
0.114
inches
0.003 Ω - 0.009 Ω
1.60
2.35
2.90
mm
CSRF2010
0.106
0.071
0.114
inches
0.01 Ω - 0.1 Ω
2.70
1.80
2.90
mm
0.063
0.152
0.141
inches
1.60
3.85
3.57
mm
0.122
0.122
0.141
inches
3.10
3.10
3.57
mm
0.161
0.098
0.189
inches
4.10
2.50
4.80
mm
0.177
0.091
0.189
inches
4.50
2.30
4.80
mm
0.157
0.197
0.276
inches
4.00
5.00
7.00
mm
CSRF0612
CSRF4320
CSRF0402
0.003 Ω - 0.007 Ω
CSRF1206
CSRF0805
CSRF2817
0.003 Ω - 0.004 Ω
CSRF0508
CSRF2512
0.002 Ω - 0.003 Ω
CSRF2512
0.004 Ω - 0.56 Ω
CSRF2817
0.005 Ω - 0.1 Ω
Recommended Pad Layouts - CSRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com