Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4056 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4056
Description  USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4056 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4056 Datasheet HTML 1Page - Global Connector Technology USB4056 Datasheet HTML 2Page - Global Connector Technology USB4056 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ø0.65
0.95
Pin
Signal
Mating
Sequence
A1
GND
First
A2
SSTXp1
Second
A3
SSTXn1
Second
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A10
SSRXn2
Second
A11
SSRXp2
Second
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B11
SSRXp1
Second
B10
SSRXn1
Second
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B3
SSTXn2
Second
B2
SSTXp2
Second
B1
GND
First
SHELL
GND
A1
A12
B12
B1
B11 B10
B8
B7
B6
B5
B4
B3
B2
B9
5.50
0.50
0.30
7.20
4x 0.50
4x 0.80
Ø0.40
Ø0.60
8.26
0.80
1.60
2.40
3.20
4.80
5.60
8.98
PCB Edge
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/3
USB3.2 Gen 2 Type C Receptacle, Horizontal,
Hybrid type, PCB Top Mount.
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4056
A2
22nd April 2021
05/08/21
www.gct.co
Recommended PCB Layout
Thickness 1.00 to 1.20mm
Tolerance: ±0.05mm
Component Outline
Solder Area
6.65
1.55



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com