Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4056 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4056
Description  USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4056 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4056 Datasheet HTML 1Page - Global Connector Technology USB4056 Datasheet HTML 2Page - Global Connector Technology USB4056 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A1
B12
A12
B1
9.85
8.34+0.06
-0.02
0.24
0.80
1.60
2.40
3.20
4.80
5.60
8.26
8.98
7.20
5.10
0.1
9.87±0.25
2.53
0.70
5.64
0.65
1.24
A
A
Section: A-A
Ordering Grid
USB4056
A
Packing Options
A = Tape & Reel (1000 per reel)
03
Contact Plating
03 = 3µ" Gold
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy (C1814)
Mid Plate: Stainless Steel (SUS301)
EMI Plate: Stainless Steel (SUS301)
Shell: Stainless Steel (SUS304)
Plating
Terminal:
Contact Area: 3µ" Gold over 50µ" min. Nickel
Soldering Tails: Gold Flash over 50µ" min. Nickel
Shell: Nickel
Mid Plate: Cleaning
EMI Plate: Cleaning
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB3.2 Gen 2 Type C Receptacle, Horizontal,
Hybrid type, PCB Top Mount.
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4056
A2
22nd April 2021
05/08/21
www.gct.co
Ø0.55
4.40 ref.
Request Samples
and Quotation
XXXX
Shell Stake Length "S"
Blank = 1.15mm
0140 = 1.40mm


Similar Part No. - USB4056

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
More results

Similar Description - USB4056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
logo
Global Connector Techno...
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4525 GCT-USB4525 Datasheet
180Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
08/07/22
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
USB4065 GCT-USB4065 Datasheet
229Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount
21th April 2016
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4085 GCT-USB4085 Datasheet
249Kb / 3P
USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
9th April 2018
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com