Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF2817 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # CSRF2817
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF2817 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

Back Button CSRF2817 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev Date: 6/28/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications
– Paper Tape
Taping Specifications
– Embossed Plastic Tape
Type/Code
Unit
0.028 ± 0.002
0.047 ± 0.002
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.008
Inches
0.70 ± 0.05
1.20 ± 0.05
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.20
mm
0.043 ± 0.004
0.075 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.008
Inches
1.10 ± 0.10
1.90 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.20
mm
0.063 ± 0.004
0.094 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.008
Inches
1.60 ± 0.10
2.40 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.20
mm
0.066 ± 0.008
0.094 ± 0.008
0.069 ± 0.004
0.138 ± 0.004
0.315 ± 0.012
Inches
1.68 ± 0.20
2.38 ± 0.20
1.75 ± 0.10
3.50 ± 0.10
8.00 ± 0.30
mm
0.079 ± 0.004
0.142 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.008
Inches
2.00 ± 0.10
3.60 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.20
mm
0.079 ± 0.004
0.142 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.008
Inches
2.00 ± 0.10
3.60 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.20
mm
Type/Code
Unit
0.157 ± 0.004
0.079 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.024 ± 0.004
Inches
4.00 ± 0.10
2.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
0.60 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.028 ± 0.004
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
0.70 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.038 ± 0.004
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
0.97 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.034 ± 0.008
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
0.87 ± 0.20
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.038 ± 0.004
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
0.97 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.038 ± 0.004
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
0.97 ± 0.10
mm
CSRF0612
CSRF0603
A
B
CSRF1206
CSRF0612
CSRF0402
CSRF0603
CSRF0805
P0
P1
CSRF0402
E
F
W
CSRF0805
CSRF1206
D0
T
P2
CSRF0508
CSRF0508
Type/Code
Unit
0.110 ± 0.006
0.217 ± 0.006
0.069 ± 0.004
0.217 ± 0.002
0.472 ± 0.012
Inches
2.80 ± 0.15
5.50 ± 0.15
1.75 ± 0.10
5.50 ± 0.05
12.00 ± 0.30
mm
0.134 ± 0.008
0.266 ± 0.008
0.069 ± 0.004
0.217 ± 0.004
0.472 ± 0.012
Inches
3.40 ± 0.20
6.75 ± 0.20
1.75 ± 0.10
5.50 ± 0.10
12.00 ± 0.30
mm
Type/Code
Unit
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.033 ± 0.008
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.1
0.10
0.84 ± 0.20
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.039 ± 0.008
Inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.00 ± 0.20
mm
A
B
CSRF2010
CSRF2512
CSRF2512
W
CSRF2010
P0
E
F
P1
P2
D0
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com