Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF2817 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSRF2817
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF2817 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSRF2817 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF2817 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev Date: 6/28/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
High power rating
•
Wide resistance range
•
Current handling up to 26 amps
•
TCR down to ± 50 ppm/
C
•
Other resistance values may be available
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications - CSRF
Ohmic Range (Ω) and Tolerance
1% and 5%
± 300
0.003 - 0.007
± 200
0.008 - 0.02
± 100
0.002 - 0.004
± 150
0.005 - 0.009
± 75
0.01 - 0.03
± 100
0.003 - 0.01
± 50
0.011 - 0.03
± 100
0.005 - 0.009
± 50
0.01 - 0.062
± 100
0.003 - 0.01
± 50
0.011 - 0.05
± 100
0.002 - 0.004
± 75
0.005 - 0.03
± 100
0.003 - 0.009
± 50
0.01 - 0.1
± 100
0.002 - 0.009
± 50
0.01 - 0.56
5
0.003 - 0.02
4
0.021 - 0.04
3
0.041 - 0.06
2
0.061 - 0.1
(2) Qualified to AEC-Q200
(1) For 2010 size, MOQ of 20K pieces per value is required.
CSRF4320
± 50
0.01 - 0.33
1
5
CSRF1206
(2)
CSRF2010
(1)
1
CSRF2512
(2)
2
CSRF2817
± 50
CSRF0612
1.5
CSRF0508
(2)
1
TCR (ppm/ºC)
Power Rating (W)
Type/Code
CSRF0805
(2)
0.5
CSRF0603
(2)
0.25
CSRF0402
(2)
0.125


Similar Part No. - CSRF2817

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
CSRF-34-LN ADAM-TECH-CSRF-34-LN Datasheet
56Kb / 1P
LOCK NUT
logo
Stackpole Electronics, ...
CSRF0402FT20L0 SEI-CSRF0402FT20L0 Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
More results

Similar Description - CSRF2817

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73 KOA-UR73 Datasheet
470Kb / 2P
current sensing chip resistor
logo
Bourns Electronic Solut...
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com