Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4080 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4080
Description  USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4080 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4080 Datasheet HTML 1Page - Global Connector Technology USB4080 Datasheet HTML 2Page - Global Connector Technology USB4080 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.05
8.64
7.25
1.30
2.875
24x 0.20±0.05
Section:A-A
8.94
8.34+0.06
-0.04
6.69
4.55
1.50
5.50
0.25
0.50
0.50
4.65
4.45
0.50
6.80
7.55
0.10
A12
B12
B1
A1
A
A
2.00 Min
Plug and Receptacle Mating View
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy (C1814), T=0.12mm
Mid Plate: Stainless Steel (SUS301), T=0.20mm
EMI Plate: Stainless Steel (SUS301), T=0.10mm
Shell: Stainless Steel (SUS304), T=0.30mm
Plating
Contact
Contact Area: 3u" Au over 50µ" min. Nickel
Solder Tails: Gold Flash over 50µ" min. Nickel
Shell: 30µ" min. Nickel
Mid Plate: 50µ" min Sn over 30µ" min. Nickel
EMI Plate: Cleaning
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
Pin
Signal
Mating
Sequence
A1
GND
First
A2
SSTXp1
Second
A3
SSTXn1
Second
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A10
SSRXn2
Second
A11
SSRXp2
Second
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B11
SSRXp1
Second
B10
SSRXn1
Second
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B3
SSTXn2
Second
B2
SSTXp2
Second
B1
GND
First
SHELL
GND
Ordering Grid
Request Samples
and Quotation
USB4080
A
Packing Options
A = Tape & Reel
(900pcs/Reel)
03
Contact Plating
03 = 3µ" Gold
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.38
X.X ± 0.30
X.XX ± 0.15
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB4080
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
7th May 2021
Date
X.±2°
X.X±1°
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT,
Horizontal, PCB Top Mount
A1
15/07/21
www.gct.co
2x Ø0.45±0.05


Similar Part No. - USB4080

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4085 GCT-USB4085 Datasheet
249Kb / 3P
USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
9th April 2018
USB4085-30-A GCT-USB4085-30-A Datasheet
212Kb / 3P
CONN RCPT USB2.0 TYPE C 168POS
USB4085-GF-A GCT-USB4085-GF-A Datasheet
212Kb / 3P
CONN RCPT USB2.0 TYPE C 168POS
More results

Similar Description - USB4080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4525 GCT-USB4525 Datasheet
180Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
08/07/22
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com