Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4525 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4525
Description  USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4525 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4525 Datasheet HTML 1Page - Global Connector Technology USB4525 Datasheet HTML 2Page - Global Connector Technology USB4525 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12
B12 B11 B10 B9B8B7 B6B5B4
B2 B1
B3
2x0.60
8.64
2.875
5.50
0.50 Pitch
0.25
0.50 Pitch
2x 1.00
2x 1.14
2x 1.54
24x 0.30
2x 0.60
2x 1.00
11.04
R0.30
9.34
R0.35
Recommended PCB Layout
As viewed from component side
Tolerance:±0.05mm
Component Outline
Solder Area
8.64
2.875
5.50
0.50 Pitch
0.25
0.50 Pitch
2x 1.00
2x 1.54
24x 0.30
2x 1.00
11.04
R0.50
R0.15
Recommended Solder mask
Thickness = 0.12mm
Tolerance:±0.05mm
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/3
USB4525
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
8th July 2022
Date
-
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT,
Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
A
08/07/22
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com