Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4525 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4525
Description  USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4525 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4525 Datasheet HTML 1Page - Global Connector Technology USB4525 Datasheet HTML 2Page - Global Connector Technology USB4525 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8.94
8.34+0.06
-0.04
6.69
B12
B1
8.64
2.45
4.80
0.80
5.50
2.875
0.25
0.50 Pitch
0.50 Pitch
24x 0.20±0.05
4.65
4.45
4.30
11.04
1.30
0.10
A12
A1
A1
A12
Section:A-A
B12
B1
2.00 Min
Pin
Signal
Mating
Sequence
A1
GND
First
A2
SSTXp1
Second
A3
SSTXn1
Second
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A10
SSRXn2
Second
A11
SSRXp2
Second
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B11
SSRXp1
Second
B10
SSRXn1
Second
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B3
SSTXn2
Second
B2
SSTXp2
Second
B1
GND
First
SHELL
GND
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy
Mid Plate: Stainless Steel
EMI Plate: Stainless Steel
Shell: Stainless Steel
Plating
Terminal
Contact Area: See Ordering Grid
Solder Tails: Gold Flash
Underplating: 50µ" Min. Nickel Over All
Shell: 30µ" min. Nickel
Mid Plate: 50µ" min Sn over 30µ" min. Nickel
EMI Plate: Clear
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for A5/B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
Ordering Grid
Request Samples
and Quotation
USB4525
A
Packing Options
A = Tape & Reel
(900pcs/Reel)
03
Contact Plating
03 = 3µ" Gold
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB4525
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
8th July 2022
Date
-
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT,
Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
A
08/07/22
www.gct.co
A
A
Plug and Receptacle Mating View


Similar Part No. - USB4525

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
USB4520-03-0-A GCT-USB4520-03-0-A Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
USB4520-03-1-A GCT-USB4520-03-1-A Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
More results

Similar Description - USB4525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com