Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1455PBY Datasheet(PDF) 5 Page - Hammond Manufacturing Ltd.

Part # 1455PBY
Description  Extruded Aluminum Enclosures
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455PBY Datasheet(HTML) 5 Page - Hammond Manufacturing Ltd.

  1455PBY Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 6Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 7Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/1/22, 2:18 AM
Extruded Aluminum Enclosures (1455 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1455
5/7
Enclosures w/
Enclosures w/
Profile Shape
Aluminum End Panels
Plastic End Panels
Anodize Color
Length
Width
Depth
Rounded Rectangle
1455P2201RD
Red
220
125
31
Rounded Rectangle
1455Q2201
1455Q2202
Clear
220
125
52
Rounded Rectangle
1455Q2201BK
1455Q2202BK
Black
220
125
52
Rounded Rectangle
1455Q2201BU
Blue
220
125
52
Rounded Rectangle
1455Q2201RD
Red
220
125
52
Rounded Rectangle
1455R2201
1455R2202
Clear
220
165
31
Rounded Rectangle
1455R2201BK
1455R2202BK
Black
220
165
31
Rounded Rectangle
1455R2201BU
Blue
220
165
31
Rounded Rectangle
1455R2201RD
Red
220
165
31
Rounded Rectangle
1455T2201
1455T2202
Clear
220
165
52
Rounded Rectangle
1455T2201BK
1455T2202BK
Black
220
165
52
Rounded Rectangle
1455T2201BU
Blue
220
165
52
Rounded Rectangle
1455T2201RD
Red
220
165
52
Rounded Rectangle
1455U2201
1455U2202
Clear
220
191
66
Rounded Rectangle
1455U2201BK
1455U2202BK
Black
220
191
66
Rounded Rectangle
1455U2801
1455U2802
Clear
280
191
66
Rounded Rectangle
1455U2801BK
1455U2802BK
Black
280
191
66
Closed Bezels (Plastic End Caps)
Part
No.
Starting
Black
Yellow
Red
Translucent Red
Translucent Blue
With:
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
1455A
1455APLBK
1455APLBK-
10
1455B
1455BPLBK
1455BPLBK-
10
1455C
1455CPLBK
1455CPLBK-
10
1455CPLY
1455CPLY-
10
1455CPLRED
1455CPLRED-
10
1455CPLTRD
1455CPLTRD-
10
1455CPLTBU
1455CPLTBU-
10
1455D
1455DPLBK
1455DPLBK-
10
1455DPLTBU
1455DPLTBU-
10
1455J
1455JPLBK 1455JPLBK-10 1455JPLY 1455JPLY-10 1455JPLRED
1455JPLRED-
10
1455JPLTRD 1455JPLTRD-10 1455JPLTBU
1455JPLTBU-
10
1455K
1455KPLBK
1455KPLBK-
10
1455KPLY
1455KPLY-
10
1455KPLRED
1455KPLRED-
10
1455KPLTRD
1455KPLTRD-
10
1455KPLTBU
1455KPLTBU-
10
1455L
1455LPLBK 1455LPLBK-10 1455LPLY 1455LPLY-10 1455LPLRED
1455LPLRED-
10
1455LPLTRD
1455LPLTRD-
10
1455LPLTBU
1455LPLTBU-
10
1455N
1455NPLBK
1455NPLBK-
10
1455NPLY
1455NPLY-
10
1455NPLRED
1455NPLRED-
10
1455NPLTRD
1455NPLTRD-
10
1455NPLTBU
1455NPLTBU-
10
1455P
1455PPLBK
1455PPLBK-
10
1455PPLY
1455PPLY-
10
1455PPLRED
1455PPLRED-
10
1455PPLTRD
1455PPLTRD-
10
1455PPLTBU
1455PPLTBU-
10
1455Q
1455QPLBK
1455QPLBK-
10
1455QPLY
1455QPLY-
10
1455QPLRED
1455QPLRED-
10
1455QPLTRD
1455QPLTRD-
10
1455QPLTBU
1455QPLTBU-
10
1455R
1455RPLBK
1455RPLBK-
10
1455RPLY
1455RPLY-
10
1455RPLRED
1455RPLRED-
10
1455RPLTRD
1455RPLTRD-
10
1455RPLTBU
1455RPLTBU-
10
1455T
1455TPLBK 1455TPLBK-10 1455TPLY 1455TPLY-10 1455TPLRED
1455TPLRED-
10
1455TPLTRD
1455TPLTRD-
10
1455TPLTBU
1455TPLTBU-
10
1455U
1455UPLBK
1455UPLBK-
10
1455UPLY
1455UPLY-
10
1455UPLRED
1455UPLRED-
10
1455UPLTRD
1455UPLTRD-
10
1455UPLTBU
1455UPLTBU-
10
Open Bezels (For Use w/ Metal End Plate Enclosures)
Part No.
Starting
Black
Yellow
Red
Translucent Red
Translucent Blue
With:
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com