Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1455PBY Datasheet(PDF) 6 Page - Hammond Manufacturing Ltd.

Part # 1455PBY
Description  Extruded Aluminum Enclosures
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455PBY Datasheet(HTML) 6 Page - Hammond Manufacturing Ltd.

  1455PBY Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 6Page - Hammond Manufacturing Ltd. 1455PBY Datasheet HTML 7Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5/1/22, 2:18 AM
Extruded Aluminum Enclosures (1455 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1455
6/7
Data subject to change without notice
Part No.
Starting
Black
Yellow
Red
Translucent Red
Translucent Blue
With:
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
2-pack
10-pack
1455C
1455CBBK 1455CBBK-10 1455CBY 1455CBY-10 1455CBRED 1455CBRED-10 1455CBTRD 1455CBTRD-10 1455CBTBU 1455CBTBU-10
1455D
1455DBBK 1455DBBK-10
1455DBTBU 1455DBTBU-10
1455J
1455JBBK 1455JBBK-10 1455JBY 1455JBY-10 1455JBRED 1455JBRED-10 1455JBTRD 1455JBTRD-10 1455JBTBU
1455JBTBU-10
1455K
1455KBBK 1455KBBK-10 1455KBY 1455KBY-10 1455KBRED 1455KBRED-10 1455KBTRD 1455KBTRD-10 1455KBTBU 1455KBTBU-10
1455L
1455LBBK 1455LBBK-10 1455LBY 1455LBY-10 1455LBRED 1455LBRED-10 1455LBTRD 1455LBTRD-10 1455LBTBU 1455LBTBU-10
1455N
1455NBBK 1455NBBK-10 1455NBY 1455NBY-10 1455NBRED 1455NBRED-10 1455NBTRD 1455NBTRD-10 1455NBTBU 1455NBTBU-10
1455P
1455PBBK 1455PBBK-10 1455PBY 1455PBY-10 1455PBRED 1455PBRED-10 1455PBTRD 1455PBTRD-10 1455PBTBU 1455PBTBU-10
1455Q
1455QBBK 1455QBBK-10 1455QBY 1455QBY-10 1455QBRED 1455QBRED-10 1455QBTRD 1455QBTRD-10 1455QBTBU 1455QBTBU-10
1455R
1455RBBK 1455RBBK-10 1455RBY 1455RBY-10 1455RBRED 1455RBRED-10 1455RBTRD 1455RBTRD-10 1455RBTBU 1455RBTBU-10
1455T
1455TBBK 1455TBBK-10 1455TBY 1455TBY-10 1455TBRED 1455TBRED-10 1455TBTRD 1455TBTRD-10 1455TBTBU 1455TBTBU-10
1455U
1455UBBK 1455UBBK-10 1455UBY 1455UBY-10 1455UBRED 1455UBRED-10 1455UBTRD 1455UBTRD-10 1455UBTBU 1455UBTBU-10
Aluminum End Panels (For Use With Metal End Plate Enclosures)
For
Part Number
Clear Anodize
Black Anodize
Blue Anodize
Red Anodize
Starting With
10-pack
10-pack
10-pack
10-pack
1455C
1455CAL-10
1455CALBK-10
1455CALBU-10
1455CALRD-10
1455D
1455DAL-10
1455DALBK-10
1455DALBU-10
1455DALRD-10
1455J
1455JAL-10
1455JALBK-10
1455JALBU-10
1455JALRD-10
1455K
1455KAL-10
1455KALBK-10
1455KALBU-10
1455KALRD-10
1455L
1455LAL-10
1455LALBK-10
1455LALBU-10
1455LALRD-10
1455N
1455NAL-10
1455NALBK-10
1455NALBU-10
1455NALRD-10
1455P
1455PAL-10
1455PALBK-10
1455PALBU-10
1455PALRD-10
1455Q
1455QAL-10
1455QALBK-10
1455QALBU-10
1455QALRD-10
1455R
1455RAL-10
1455RALBK-10
1455RALBU-10
1455RALRD-10
1455T
1455TAL-10
1455TALBK-10
1455TALBU-10
1455TALRD-10
1455U
1455UAL-10
1455UALBK-10
Flanged End Panel Kits
For
Replacement Screws For Flange Kits
Part Number Starting With
Clear Anodize
Black Anodize
(100-pack)
1455C
1455CF
1455CFBK
1455MSFL100BK
1455D
1455DF
1455DFBK
1455MSFL100BK
1455J
1455JF
1455JFBK
1455MSFL100BK
1455K
1455KF
1455KFBK
1455MSFL100BK
1455L
1455LF
1455LFBK
1455MSFL100BK
1455N
1455NF
1455NFBK
1455MSFL100BK
1455P
1455PF
1455PFBK
1455MSFL100BK
1455Q
1455QF
1455QFBK
1455MSFL100BK
1455R
1455RF
1455RFBK
1455MSFL100BK
1455T
1455TF
1455TFBK
1455MSFL100BK
1455U
1455UF
1455UFBK
1455MSFL100BK
© 2022. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com