Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA-CMP Datasheet(PDF) 5 Page - 3M Electronics

Part # TSA-CMP
Description  Film Applicators for Textured Surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TSA-CMP Datasheet(HTML) 5 Page - 3M Electronics

  TSA-CMP Datasheet HTML 1Page - 3M Electronics TSA-CMP Datasheet HTML 2Page - 3M Electronics TSA-CMP Datasheet HTML 3Page - 3M Electronics TSA-CMP Datasheet HTML 4Page - 3M Electronics TSA-CMP Datasheet HTML 5Page - 3M Electronics TSA-CMP Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PB-IB TSA & CMP Tools - 5
5. Direct the heat gun toward the top corner of the
graphic. Heat the film until warm, which usually
takes only about 2 seconds and immediately begin
rolling the film with the applicator TSA-4. The
roller should be positioned about 1 inch above the
top edge of the graphic for the first pass.
6. With the applicator closely following the heat gun,
move continuously at about 2 inches per second
and completely past the outer open edge of the
graphic.
7. Move the applicator down 2-½ inches so that the
next pass overlaps the previous one by about 1/2
inch. Notice in the photo how the film conformed
to the texture during the first pass.
3M
t Power Grip Magic
Pad Applicator CMP-1
Use CMP-1 to conform heated film
around protrusions and edges, tight
areas, etc.
Note:
In general, use this applicator for the same
purposes as TSA applicators, but take note of
the different usage techniques.
1. Wear a heat-resistant glove on the hand that holds
applicator CMP-1.
1. Heat the film for about 1 second and immediately
press the film firmly with applicator CMP-1 for
about another second to conform the film around
the texture. Do NOT twist the pad.
2. Move to the next section of film--about 1/2 the
width of the pad--heat the film and press firmly
with the pad. Continue heating and moving the
pad in this manner.
Work in gradually from the edge of large raised areas
so that air has time to escape from under the film.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com