Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA-CMP Datasheet(PDF) 3 Page - 3M Electronics

Part # TSA-CMP
Description  Film Applicators for Textured Surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TSA-CMP Datasheet(HTML) 3 Page - 3M Electronics

  TSA-CMP Datasheet HTML 1Page - 3M Electronics TSA-CMP Datasheet HTML 2Page - 3M Electronics TSA-CMP Datasheet HTML 3Page - 3M Electronics TSA-CMP Datasheet HTML 4Page - 3M Electronics TSA-CMP Datasheet HTML 5Page - 3M Electronics TSA-CMP Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PB-IB TSA & CMP Tools - 3
6. Move the applicator down 1.5 inches so that the
next pass overlaps the previous one by about
70%. Notice in the photo how the film conformed
to the texture during the first pass.
3M
t Textured Surface
Applicator TSA-2
Use TSA-2 to conform heated film to
mortar joints and inside corners.
Shown without film for detail
Using TSA-2 to work film into
mortar joints
1. Wear a heat-resistant glove on the hand that holds
applicator TSA-2.
2. Set the heat gun to the temperature specified in
Instruction Bulletin 5.37.
3. Direct the heat gun toward the mortar joint. Heat
the film until warm—usually takes only about 2
seconds—and immediately begin rolling the film
into the joint with applicator TSA-2.
4. Using applicator TSA-2, closely following the heat
gun, move continuously at about 2 inches per
second and completely past the outer open edge
of the graphic.
3M
t Textured Surface
Applicator TSA-3
Use to conform heated film around cut
edges and in corners. This tool is
particularly helpful for mosaic-type
applications.
1. Wear a heat-resistant glove on the hand that holds
applicator TSA-3.
2. Set the heat gun to the temperature specified in
Instruction Bulletin 5.37.
3. Direct the heat gun toward the top edge of the
film. Heat the film until warm—usually takes only
about 2 seconds—and immediately begin rolling
the film into the joint with applicator TSA-3.
4. With applicator TSA-3 closely following the heat
gun, move continuously at about 2 inches per
second and completely past the edge of the
graphic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com