Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0B1VC Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32G0B1VC
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VC Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32G0B1VC Datasheet HTML 68Page - STMicroelectronics STM32G0B1VC Datasheet HTML 69Page - STMicroelectronics STM32G0B1VC Datasheet HTML 70Page - STMicroelectronics STM32G0B1VC Datasheet HTML 71Page - STMicroelectronics STM32G0B1VC Datasheet HTML 72Page - STMicroelectronics STM32G0B1VC Datasheet HTML 73Page - STMicroelectronics STM32G0B1VC Datasheet HTML 74Page - STMicroelectronics STM32G0B1VC Datasheet HTML 75Page - STMicroelectronics STM32G0B1VC Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
72/159
DS13560 Rev 2
Table 28. Current consumption in Run and Low-power run modes
at different die temperatures
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
fHCLK
Fetch
from(2)
25
°C
85
°C
125
°C
25
°C
85
°C
130
°C
IDD(Run)
Supply
current in
Run mode
(from Flash
memory)
Range 1;
PLL enabled;
fHCLK = fHSE_bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
64 MHz
Flash
memory
8.6
8.8
9.4
9.0
9.1
9.7
mA
56 MHz
7.5
7.8
8.3
7.9
8.0
8.6
48 MHz
6.7
7.0
7.6
7.1
7.2
7.8
32 MHz
4.6
4.8
5.4
4.8
5.0
5.5
24 MHz
3.6
3.8
4.3
3.8
4.1
4.6
16 MHz
2.3
2.5
3.0
2.4
2.6
3.2
64 MHz
SRAM
8.8
8.9
9.4
9.3
9.4
9.9
56 MHz
7.7
7.8
8.3
8.2
8.3
8.8
48 MHz
6.9
7.0
7.5
7.3
7.4
7.9
32 MHz
4.7
4.8
5.3
5.0
5.1
5.6
24 MHz
3.6
3.8
4.3
4.1
4.2
4.7
16 MHz
2.3
2.4
2.9
2.5
2.6
3.2
Range 2;
PLL enabled;
fHCLK = fHSE_bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
16 MHz
Flash
memory
1.8
2.0
2.4
2.2
2.3
2.9
8 MHz
1.0
1.1
1.6
1.3
1.4
2.1
2 MHz
0.3
0.4
0.9
0.6
0.9
1.4
16 MHz
SRAM
1.9
2.0
2.5
2.3
2.4
3.0
8 MHz
1.0
1.1
1.6
1.3
1.5
2.1
2 MHz
0.3
0.4
0.9
0.6
0.9
1.4
IDD(LPRun)
Supply
current in
Low-power
run mode
PLL disabled;
fHCLK = fHSE
bypass (> 32 kHz),
fHCLK = fLSE
bypass (= 32 kHz);
(3)
2 MHz
Flash
memory
280
415
950
585
845 1515
µA
1 MHz
155
285
820
530
835 1315
500 kHz
90
220
750
475
795 1220
125 kHz
45
170
700
445
745
1190
32 kHz
30
155
695
430
720
1185
2 MHz
SRAM
250
360
855
575
835 1495
1 MHz
140
260
730
530
825 1300
500 kHz
80
205
650
475
780 1230
125 kHz
40
155
635
440
745 1200
32 kHz
30
135
625
415
715
1180
1. Based on characterization results, not tested in production.
2. Prefetch and cache enabled when fetching from Flash memory. Code compiled with high optimization for space in SRAM.
3. VDD = 3.0 V for values in Typ columns and 3.6 V for values in Max columns, all peripherals disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com