Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0B1VC Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32G0B1VC
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32G0B1VC Datasheet HTML 90Page - STMicroelectronics STM32G0B1VC Datasheet HTML 91Page - STMicroelectronics STM32G0B1VC Datasheet HTML 92Page - STMicroelectronics STM32G0B1VC Datasheet HTML 93Page - STMicroelectronics STM32G0B1VC Datasheet HTML 94Page - STMicroelectronics STM32G0B1VC Datasheet HTML 95Page - STMicroelectronics STM32G0B1VC Datasheet HTML 96Page - STMicroelectronics STM32G0B1VC Datasheet HTML 97Page - STMicroelectronics STM32G0B1VC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
94/159
DS13560 Rev 2
5.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 55 are derived from tests
performed under the conditions summarized in Table 24: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Table 55. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level
voltage
All
except
FT_c
1.62 V < VDDIOx < 3.6 V
-
-
0.3 x VDDIOx
(2)
V
0.39 x VDDIOx
- 0.06 (3)
FT_c
2.7 V < VDDIOx < 3.6 V
-
-
0.3 x VDDIOx
1.62 V < VDDIOx < 2.7 V
-
-
0.25 x VDDIOx
VIH(1)
I/O input high level
voltage
All
except
FT_c
1.62 V < VDDIOx < 3.6 V
0.7 x VDDIOx(
2)
--
V
0.49 x VDDIOx
+ 0.26(3)
--
FT_c
1.62 V < VDDIOx < 3.6 V
0.7 x VDDIOx
-5
Vhys(3) I/O input hysteresis
TT_xx,
FT_xx,
NRST
1.62 V < VDDIOx < 3.6 V
-
200
-
mV
Ilkg
Input leakage
current(3)
FT_xx
except
FT_c
and
FT_d
0 < VIN ≤ VDDIOx
--
±70
nA
VDDIOx ≤ VIN ≤ VDDIOx+1 V
-
-
600(4)
VDDIOx +1 V < VIN ≤
5.5 V(3)
-
-
150(4)
FT_c
0 < VIN ≤ VDDIOx
-
-
2000
VDDIOx < VIN ≤ 5 V
-
-
3000(4)
FT_d
0 < VIN ≤ VDDIOx
-
-
4500
VDDIOx < VIN ≤ 5.5 V
-
-
9000(4)
TT_a
0 < VIN ≤ VDDIOx
--
±150
VDDIOx < VIN ≤
VDDIOx + 0.3 V
-
-
2000(4)
RPU
Weak pull-up
equivalent resistor
(5)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent resistor(5)
VIN = VDDIOx
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 24: I/O input characteristics.
2. Tested in production.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com