Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3901/01/24 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3901/01/24
Description  Surface Sensor for High Rel & Aerospace
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3901/01/24 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3901/01/24 Datasheet HTML 1Page - TE Connectivity Ltd 3901/01/24 Datasheet HTML 2Page - TE Connectivity Ltd 3901/01/24 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Sensor for High Rel & Aerospace
Model Number G15K4D589
www.meas-spec.com
Date 25/03/14 Rev 03
2/3
MECHANICAL DETAILS
RESISTANCE V TEMPERATURE TABLE
Temp.
oC
Ohms
Temp.
oC
Ohms
Temp.
oC
Ohms
Temp.
oC
Ohms
-60
1,342,000
-55
957,000
-50
690,000
-45
503,700
-40
371,300
-35
276,200
-30
207,500
-25
157,200
-20
120,100
-15
92,600
-10
71,940
-5
56,310
0
44,420
2
40,490
4
36,930
6
33,740
8
30,840
10
28,230
12
25,860
14
23,720
16
21,780
18
20,010
20
18,410
22
16,950
24
15,620
25
15,000
26
14,410
28
13,310
30
12,300
32
11,370
34
10,530
36
9,756
38
9,047
40
8,397
42
7,800
44
7,253
46
6,747
48
6,282
50
5,855
52
5,460
54
5,096
56
4,758
58
4,448
60
4,160
62
3,894
64
3,647
66
3,419
68
3,206
70
3,009
72
2,826
74
2,657
76
2,498
78
2,351
80
2,213
82
2,085
84
1,965
86
1,853
88
1,749
90
1,652
92
1,560
94
1,475
96
1,395
98
1,320
100
1,250
102
1,185
104
1,123
106
1,065
108
1,011
110
959.5
112
911.3
114
866.0
116
823.3
118
783.2
120
745.3
122
709.7
124
675.9
126
644.3
128
614.3
130
585.9
132
559.0
134
533.8
136
509.9
138
487.0
140
465.5
145
416.7
150
373.6
160
302.4
DIMENSIONS
A
B
C
D
381
± 25mm
6.5
± 1mm
6.6 mm maximum
2.4mm maximum



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com