Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3901/01/24 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3901/01/24
Description  Surface Sensor for High Rel & Aerospace
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3901/01/24 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3901/01/24 Datasheet HTML 1Page - TE Connectivity Ltd 3901/01/24 Datasheet HTML 2Page - TE Connectivity Ltd 3901/01/24 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Sensor for High Rel & Aerospace
Model Number G15K4D589
www.meas-spec.com
Date 25/03/14 Rev 03
1/3
ESCC Qualified.
Excellent stability.
Flight heritage.
Flat surface for ease of mounting.
Polyimide Insulation with excellent radiation
properties.
Robust construction.
Data Report including test data.
Non ITAR restrictive.
Approved by Prime Contractors
ESCC Detail Specification No. 4006014.
ESCC Part No. 400601413
DESCRIPTION
Matched Glass Coated NTC Thermistor Beads mounted on an aluminum housing and encapsulated in epoxy
resin. Wire connection is by 26AWG stranded / insulated leads. Lead wire is in accordance with ESCC Detail
Specification no. 3901/01/24: Polyimide Insulation.
Note: Lead Wire not to be cut to less than 50mm from Thermistor Head
FEATURES
APPLICATIONS
ESCC qualified
Satellite electric motors.
ESCC Detail Specification No. 4006014
Monitoring of gearboxes in satellites.
ESCC Part No. 400601413
Temperature compensation.
Flat aluminum housing.
Battery power packs.
Polyimide Insulation
Vision systems.
Operating range -60°C to + 160°C
Monitoring of actuators.
Panel temperature measurement
PERFORMANCE SPECS
Parameter
Unit
Value
Zero power resistance@25°C
Ω
15,000
Tolerance @ -60°C
%
± 10.0
Tolerance @ -40°C
%
± 6.3
Tolerance from 0°C to +100°C
%
± 1.0
Tolerance @ + 125°C
%
± 2.0
Tolerance @ + 140°C
%
± 3.0
Tolerance @ + 160°C
%
± 4.0
Beta value 25/85
K
3695
Resistance 0/70 slope
---
14.76
Operating range
°C
-60°C to +160°C
Storage temperature
°C
-60°C to +160°C
Power dissipation
mW
2 max
Thermal Time Constant
sec
25 max
Weight
g
2.3 max


Similar Part No. - 3901/01/24

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3901 POMONA-3901 Datasheet
29Kb / 1P
BNC (Male) To Stackable Pin Tip Plugs
logo
Adafruit Industries
3901 ADAFRUIT-3901 Datasheet
279Kb / 2P
Love To Code Chibi Scope
8-14-18
logo
List of Unclassifed Man...
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3901/01/24

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S114-5 TELEDYNE-S114-5 Datasheet
40Kb / 3P
CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
logo
Seme LAB
2N3767SMD SEME-LAB-2N3767SMD Datasheet
23Kb / 2P
NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
environmental connectors for military/aerospace applications
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
Military/Aerospace
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
MILITARY/AEROSPACE
logo
TE Connectivity Ltd
G10K4D453 TEC-G10K4D453 Datasheet
137Kb / 3P
Surface Sensor for High Rel & Aerospace
25/03/14 Rev 03
EN2997 TEC-EN2997 Datasheet
1Mb / 20P
HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com