Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB30-CS Datasheet(PDF) 20 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 20 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
19
Type
Frame (A)
NF100-HP T/A
NF100-HP
Low-inst
Standard
Mag-Only
Generator
690V
500V
440V
400V
230V
AC Breaking
capacity (kA rms)
IEC60947-2
Icu/Ics
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Thermal, magnetic
Fixed ampere rating and
instantaneous
15
225
±
45
20
300
±
60
30
450
±
90
40
600
± 120
50
750
± 150
60
900
± 180
75
1125
± 225
100
1500
± 300
–
–
–
–
–
–
Magnetic
Fixed ampere rating and
instantaneous
23
4
Rated insulation voltage Ui (V) AC
5/3
30/15
50/25
50/25
100/50
234
690
15, 20, 30, 40, 50, 60, 75, 100
Rated current
In (A)
15 ~ 20, 20 ~ 25, 25 ~ 40
40 ~ 63, 63 ~ 80, 80 ~ 100
690
– (5/3) ₎
30/15
50/25
50/25
100/50
23
4
Thermal, magnetic
Adjustable ampere rating
and fixed instantaneous
–
–
–
–
–
–
–
–
–
NF100-RP
15, 20, 30, 40, 50, 60, 75, 100
690
–
42/42
125/125
125/125
125/125
23
Thermal, magnetic
Fixed ampere rating and
instantaneous
15 ~
20
225
± 45
20 ~
25
300
± 60
25 ~
40
375
± 75
40 ~
63
600
± 120
63 ~
80
945
± 189
80 ~ 100
1200
± 240
15
225
±
45
20
300
±
60
30
450
±
90
40
600
± 120
50
750
± 150
60
900
± 180
75
1125
± 225
100
1500
± 300
–
–
–
–
–
–
–
–
–
100
15
150
±
30
20
200
±
40
30
300
±
60
40
400
±
80
50
500
± 100
60
600
± 120
75
750
± 150
100
1000
± 200
₎ To be agreed soon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com