Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB30-CS Datasheet(PDF) 85 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 85 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 81Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 82Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 83Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 84Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 85Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 86Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 87Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 88Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 89Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
84
instantaneous supply voltage (V), according to the
phase angle at the instant of circuit closure. This
charge results in a large surge current. If the circuit is
closed at the peak (Em) of the supply voltage (V), the
surge current (i), according to transient phenomena
theory, is:
2 Em
i =
t
2L
R
–
ε
C
4L
– R2
2L
sin
t
C
4L
– R2
From Fig. 7.12, the maximum value (im) is:
Em
im =
R
–
ε
C
L
R
arctan
C
C
4L
– R2
4L
– R2
and appears at time t =
t0 where:
2L
t0 =
R
arctan
C
C
4L
– R2
4L
– R2
Although V is not constant,
τ0 is extremely small, so
that V = Em can be assumed for the transient dura-
tion; similarly, the conduction time can be assumed
as 2
τ0. Thus, an MCCB for use in a capacitive circuit
must have an instantaneous-trip current of greater
than im x 2
τ0.
Example: MCCB selection for a 3-phase 230V 50Hz
150 kVA capacitor circuit.
From Table 7.4, C = 0.9026 x 10–2 (F) and I =
377(A).
The values of R and L in the circuit must be esti-
mated, and for this purpose it is assumed that the
short-circuit current is approximately 100 times the
circuit capacity – i.e., 50,000A.
Z =
R2 + (2
πfL)2 ∴ 50,000 =
3 Z
V
thus: Z =
= 2.66 x 10–3
3 x 50,000
230
since: Em =
obtained from their respective formulas as,
V = 188, im and
τ0 can be
3
2
and assuming:
then: 2
πfL = 2.60 x 10–3 Ω
thus: R = 5.21 x 10–4
Ω L = 8.29 x 10–6 (H)
= 5
R
2
πfL
im =6200A
τ0 = 4.27 x 10–4 (sec).
Since current-flow duration is approximately 2
τ0,
an MCCB is selected with a latching time of 0.001
seconds at 6200A. The Type NF630-SP is suitable,
having a latching time of 0.0029 seconds at 10,000A.
Even with a shorter latching time, tripping is unlikely
under the application of the above current, but selec-
tion of an MCCB with an instantaneous-trip current of
greater than
M2
6200 = 4400A is recommended for an
adequate safety margin. Such an MCCB will be rated
at 600A. Accordingly, in this example the Type NF630-
SP, rated at 600A, is selected. Table 7.4 is a basis for
selection, but since, in cases where the short-circuit
capacity of the circuit is considerably higher than that
of the MCCB, spurious tripping due to the switching
surge may occur, it is also necessary to make calcu-
lations along the lines of the above example.
Em
Vc
iL
R
C
Fig. 7.11 PF Correction Capacitor
Vc
i
im
τo
FIg. 7.12 Currents and Voltages
7.7 MCCBs for Thyristor Circuits
Both overcurrent and overvoltage protection must be
provided for these elements. MCCBs can be used
effectively for overcurrent, although application de-
mands vary widely, and selection must be made care-
fully in each case. Overvoltage protection must be
provided separately; devices currently in use include
lightning arresters, dischargers, RC filters and oth-
ers.
1. MCCB Rated Currents
A primary factor determining the rated current of the
MCCB to be used is the question of AC-side or DC-
side installation. AC-side installation permits a lower
rating, which is a considerable advantage. Fig. 7.13
shows both AC and DC installation (MCCBs 1 and 2);
Table 7.5 gives a selection of circuit formats and cur-
rent configurations; using this table it is possible to
determine the MCCB rating for either MCCB 1 or 2,
as required. The current curve of the thyristor (aver-
age current is usually given) and the tripping curve of
the MCCB should be rechecked to ensure that there
is no possibility of overlap.
When an overcurrent is due to a fault in the load,
causing a danger of thermal destruction of the circuit
elements, either AC or DC protection is adequate,
provided the parameters are properly chosen. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com