Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-21 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # ES-21
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ES-21 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  ES-21 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.baumerelectric.com
668
26
L
ø 10
M8 x1
30
L
ø 8,1
25,4
L
29,5
L
3
1
2
4
27,5
L
27,5
L
20
7,5
L
20
ø 6
M5 x 0,5
26
L
ø 10
M8 x1
30
L
Connectors M5 x 0,5 / M8 x 1
Connector
ESW 31S
Connector
ESG 32S
Connector
ESW 08S / ES 8A
Part number
ESW 31SH0200
3 pin
2 m PUR
ESW 31SH0500
3 pin
5 m PUR
ESW 31SH1000
3 pin
10 m PUR
- with cap nut
- halogen-free
Part number
ESG 32SH0200
3 pin
2 m PUR
ESG 32SH0500
3 pin
5 m PUR
ESG 32SH1000
3 pin
10 m PUR
- with cap nut
- halogen-free
Part number
ESW 08SH0200
3 pin
2 m PUR
ESW 08SH0500
3 pin
5 m PUR
ES 8A
4 pin
2 m PVC
ES 8A5
4 pin
5 m PVC
- with clip fastener
- PUR, halogen-free
Part number
ESG 09SH0200
3 pin
2 m PUR
ESG 09SH0500
3 pin
5 m PUR
ES 9A
4 pin
2 m PVC
ES 9A5
4 pin
5 m PVC
- with clip fastener
- PUR, halogen-free
Connector
ESG 05S
Part number
ESG 05SP0200
3 pin
2 m PUR
ESG 05SP0500
3 pin
5 m PUR
- with cap nut
Part number
ESW 05SP0200
3 pin
2 m PUR
ESW 05SP0500
3 pin
5 m PUR
- with cap nut
Connector
ESW 05S
see color code
for wiring
see color code
for wiring
Pin-Nr.
Color
1
BN (Brown)
2
n.c.
3
BU (Blue)
4
BK (Black)
Pin-assignment connector M5 x 0,5
Connector
ESW 31A
Part number
ESW 31AH0200
4 pin
2 m PUR
ESW 31AH0500
4 pin
5 m PUR
ESW 31AH1000
4 pin
10 m PUR
- with cap nut
- halogen-free
see color code
for wiring
Connector
ESG 32A
Part number
ESG 32AH0200
4 pin
2 m PUR
ESG 32AH0500
4 pin
5 m PUR
ESG 32AH1000
4 pin
10 m PUR
- with cap nut
- halogen-free
see color code
for wiring
see color code
for wiring
see color code
for wiring
Connector
ESG 09S / ES 9A
see color code
for wiring
see color code
for wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com