Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-21 Datasheet(PDF) 7 Page - Baumer IVO GmbH & Co. KG

Part # ES-21
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ES-21 Datasheet(HTML) 7 Page - Baumer IVO GmbH & Co. KG

Back Button ES-21 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 11Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.baumerelectric.com
2. 0673
673
32
50
51
50
37
10
10
LED "power-on" indicator
LED output state indicator
41
50
51
50
46
10
10
LED output state indicator
LED "power-on" indicator
161959
161958
PNP to NPN Converter - M8 x 1
PNP to NPN Converter - M12 x 1
Converters / Adapters
Teach-in Adapter - M12 x 1
141584
for inductive analog sensors and ultrasonic sensors only
for sensors with M8 x 1 three-pin connectors only
for sensors with M12 x 1 three-pin connectors only
3
1
2
4
Pin-Nr.
Color
Signal
1
BN (Brown)
+Vs
2
n.c.
n.c.
3
BU (Blue)
0 V
4
BK (Black)
NPN
3
1
4
Pin-Nr.
Color
Signal
1
BN (Brown)
+Vs
3
BU (Blue)
0 V
4
BK (Black)
NPN
3
1
2
4
Pin-Nr.
Ultrasonic
Inductive
1
+Vs
+Vs
2
control/Teach-in
output digital
3
0 V
0 V
4
output
output analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com