Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1013 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # CS1013
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1013 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button CS1013 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Magnetic Powder Cores :::
60
59 ::: Chang Sung Corporation
OD1625
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
165.0
88.9
25.4
(inch)
6.496
3.500
1.000
After coating
(mm)
167.2
86.9
27.3
(Epoxy)
(inch)
6.583
3.421
1.075
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
9.46cm2
38.65cm
59.31cm2
365.63cm3
1.466in2
15.22in
11,704,978cmil
22.31in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM1625026
CM1625060
CM1625125
-
-
-
-
CH1625026
CH1625060
CH1625125
-
-
-
-
CS1625026
CS1625060
CS1625125
-
-
-
-
CK1625026
CK1625060
-
-
-
-
-
80
184
384
-
-
-
-
26
60
125
147
160
173
200
ID 88.9mm
HT 25.4mm
OD 165.0mm / 6.496inches
AL vs NI Curve (60μ, 125μ)
N AN A
OD1325
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
132.5
78.6
25.4
(inch)
5.217
3.094
1.000
After coating
(mm)
134.2
77.0
26.8
(Epoxy)
(inch)
5.283
3.032
1.055
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
6.71cm2
32.42cm
46.61cm2
217.58cm3
1.040in2
12.77in
9,199,089cmil
13.28in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
10
11
12
13
14
15
16
17
18
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM1325026
CM1325060
CM1325125
-
-
-
-
CH1325026
CH1325060
CH1325125
-
-
-
-
CS1325026
CS1325060
CS1325125
-
-
-
-
CK1325026
CK1325060
-
-
-
-
-
68
156
325
26
60
125
147
160
173
200
ID 78.6mm
HT 25.4mm
AL vs NI Curve (60μ, 125μ)
OD 132.5mm / 5.217inches
N AN A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com