Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1013 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # CS1013
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1013 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button CS1013 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Magnetic Powder Cores :::
68
CYLINDER CORES
• Large energy storage capacity
• Low core loss at high frequency
• Power inductor for large currents
• Buck/ Boost inductor for inverters
Features
Applications
Product Identification
CK 30 30 - 060
OD : 30mm
HT : 30mm
Available size 24mm ~ 60mm
Mega Flux Cylinder Core
CS : Sendust, CH : High Flux
RBK 54 20 - 15 C
Height : 15mm
Length : 54mm
Width : 20mm
Ellipse Core
RBK : Mega Flux
Available Perm. 26, 40, 60μ
Available size : 13mm~18mm
Permeability :60μ
Available Perm. 26, 40, 60μ
Permeability :60μ
Post Cylinder Cores
CK2020
CK2424
CK2525
CK2828
CK3030
CK3035
CK6030
Cylinder
Part No.
RBK5420A
RBK6424A
RBK6725A
RBK7428A
RBK8030A
RBK8030A
-
Plate
20
24
25
27
30
30
60
Dimensions
Cross
Section
Area
(cm2)
OD
(mm)
20
24
25
27
30
35
30
HD
(mm)
3.14
4.52
4.91
6.00
7.07
7.07
28.27
Plate Cylinder Cores
RBK5420-15
RBK6424-18
RBK6725-19
RBK7428-21
RBK8030-23
Plate
Part No.
CK2020
CK2424
CK2525
CK2828
CK3030
Post
54
64
67
74
80
Dimensions
Cross
Section
Area
(cm2)
A
Length
(mm)
20
24
25
27
30
B
Width
(mm)
10.0
12.0
12.5
13.7
15.0
RC
Radius
(mm)
15
18
19
21
23
D
Heigth
(mm)
3.14
4.52
4.91
6.00
7.07
RBK5420-15
RBK6424-18
RBK6725-19
RBK7428-21
RBK8030-23
Plate
Part No.
CK2020
CK2424
CK2525
CK2828
CK3030
Part No.
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1 LEG
STACK
Dimensions
Cylinder
Path
Length
(cm)
Cross
Section
Area
(cm2)
Window
Area
(cm2)
AL value (nH/N2)
12%
026μ
040μ
060μ
54
54
54
64
64
64
67
67
67
74
74
74
80
80
80
20
20
20
24
24
24
25
25
25
27.5
27.5
27.5
30
30
30
51.4
71.4
91.4
61.6
85.6
109.6
64.2
89.2
114.2
71.4
99.4
127.4
77
107
137
20
40
60
24
48
72
25
50
75
28
56
84
30
60
90
14
14
14
16
16
16
17
17
17
19
19
19
20
20
20
12.41
16.41
20.41
14.72
19.52
24.32
15.41
20.41
25.41
17.13
22.73
28.33
18.4
24.4
30.4
3.14
3.14
3.14
4.52
4.52
4.52
4.91
4.91
4.91
6.00
6.00
6.00
7.07
7.07
7.07
2.8
5.6
8.4
3.84
7.68
11.52
4.25
8.5
12.75
5.32
10.64
15.96
6
12
18
99
75
60
120
90
72
124
94
75
136
103
83
150
113
91
127
96
77
154
116
93
160
121
97
176
133
106
193
146
117
191
144
116
232
175
140
240
181
146
264
199
160
290
218
175
A
Length
(mm)
B
Width
(mm)
C
Heigtht
(mm)
D
Inner
Heigtht
(mm)
E
Inner
Length
(mm)
CYLINDER ASSEMBLY
DC Bais Characteristics
Post
Plate
67 ::: Chang Sung Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com