Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2HWER251MS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2HWER251MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWER251MS Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2HWER251MS Datasheet HTML 1Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 2Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 3Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 4Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 5Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 6Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 7Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 8Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
D
2
H
W
D2HW
Sealed Ultra Subminiature Basic Switch
Smallest sealed snap-action
switch in the industry with a
very long stroke for reliable
ON/OFF action
● The case dimensions are 78% of conventional
models, contributing to down-sizing of
mechanical modules.
● Extra-long stroke even without levers.
(OT reference value: 1.4 mm).
● Made of environmentally-friendly materials.
All models are lead-free, including molded lead
wire models.
RoHS Compliant
Model Number Legend
D2HW -
@@@@@@@
1. Mounting Structure
A : Without posts (base-mounting)
BR : Long post on right
BL : Long post on left
C : M3-screw mounting models
ER : Short post on right
EL : Short post on left
2. Raitings
2 : 5 VDC 1mA to 12 VDC 2A
3. Actuator
0 : Pin plunger
1 : Hinge lever
2 : Long hinge lever
3 : Simulated roller lever
4 : Hinge roller lever
5 : Straight leaf lever
6 : Leaf lever
7 : Simulated roller leaf lever
8 : Long leaf lever
4. Contact form
1 : SPDT
2 : SPST-NC (Molded lead wire models only)
3 : SPST-NO (Molded lead wire models only)
5. Terminals
D, DS
: PCB terminals (Straight)
DR, DRS : PCB Terminals (Right-angled)
DL, DLS : PCB Terminals (Left-angled)
H, HS
: Solder terminals
M, MS : Molded lead wires downwards
MR, MRS : Molded lead wires on right-side
ML, MLS : Molded lead wires on left-side
Note. UL/CSA approved versions are available.
In this case, a "S" will be added to the end of the model number.
The Lead wire is a UL approved wire (AWG24, UL1007).
6. Special Specification
7. Special Industry Specification
12
3 4
-
-
567


Similar Part No. - D2HWER251MS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW OMRON-D2HW Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2HW-A201D OMRON-D2HW-A201D Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2HW-A211D OMRON-D2HW-A211D Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2HW-A221D OMRON-D2HW-A221D Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2HW-A231D OMRON-D2HW-A231D Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
More results

Similar Description - D2HWER251MS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW OMRON-D2HW Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2JW OMRON-D2JW Datasheet
525Kb / 8P
Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
Sealed Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Omron Electronics LLC
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
Sealed Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com