Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2HWER251MS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2HWER251MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWER251MS Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2HWER251MS Datasheet HTML 1Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 2Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 3Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 4Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 5Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 6Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 7Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 8Page - Omron Electronics LLC D2HWER251MS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
●Models with Solder Terminals or Molded Lead Wires
Note1. The length of standard lead wires (AVSS 0.5) for molded lead wire models shown above is 30 cm.
Note2. "S" is added to the end of the model number for the UL/CSA-approved version The lead wire models are UL approved wires (AWG24, UL1007).
Consult your OMRON sales representative for details.
List of Models
Long post on right
Short post
on right
Actuator
Terminals
Contact form
Pin plunger
Solder
SPDT
D2HW-BR201H
D2HW-ER201H
Molded
lead wires
Downwards
SPDT
D2HW-BR201M
D2HW-ER201M
SPST-NC
D2HW-BR202M
D2HW-ER202M
SPST-NO
D2HW-BR203M
D2HW-ER203M
Right-side
SPST-NC
D2HW-BR202MR
D2HW-ER202MR
SPST-NO
D2HW-BR203MR
D2HW-ER203MR
Left-side
SPST-NC
D2HW-BR202ML
D2HW-ER202ML
SPST-NO
D2HW-BR203ML
D2HW-ER203ML
Hinge lever
Solder
SPDT
D2HW-BR211H
D2HW-ER211H
Molded
lead wires
Downwards
SPDT
D2HW-BR211M
D2HW-ER211M
SPST-NC
D2HW-BR212M
D2HW-ER212M
SPST-NO
D2HW-BR213M
D2HW-ER213M
Right-side
SPST-NC
D2HW-BR212MR
D2HW-ER212MR
SPST-NO
D2HW-BR213MR
D2HW-ER213MR
Left-side
SPST-NC
D2HW-BR212ML
D2HW-ER212ML
SPST-NO
D2HW-BR213ML
D2HW-ER213ML
Long hinge lever
Solder
SPDT
D2HW-BR221H
D2HW-ER221H
Molded
lead wires
Downwards
SPDT
D2HW-BR221M
D2HW-ER221M
SPST-NC
D2HW-BR222M
D2HW-ER222M
SPST-NO
D2HW-BR223M
D2HW-ER223M
Right-side
SPST-NC
D2HW-BR222MR
D2HW-ER222MR
SPST-NO
D2HW-BR223MR
D2HW-ER223MR
Left-side
SPST-NC
D2HW-BR222ML
D2HW-ER222ML
SPST-NO
D2HW-BR223ML
D2HW-ER223ML
Simulated roller
hinge lever
Solder
SPDT
D2HW-BR231H
D2HW-ER231H
Molded
lead wires
Downwards
SPDT
D2HW-BR231M
D2HW-ER231M
SPST-NC
D2HW-BR232M
D2HW-ER232M
SPST-NO
D2HW-BR233M
D2HW-ER233M
Right-side
SPST-NC
D2HW-BR232MR
D2HW-ER232MR
SPST-NO
D2HW-BR233MR
D2HW-ER233MR
Left-side
SPST-NC
D2HW-BR232ML
D2HW-ER232ML
SPST-NO
D2HW-BR233ML
D2HW-ER233ML
Hinge roller
lever
Solder
SPDT
D2HW-BR241H
D2HW-ER241H
Molded
lead wires
Downwards
SPDT
D2HW-BR241M
D2HW-ER241M
SPST-NC
D2HW-BR242M
D2HW-ER242M
SPST-NO
D2HW-BR243M
D2HW-ER243M
Right-side
SPST-NC
D2HW-BR242MR
D2HW-ER242MR
SPST-NO
D2HW-BR243MR
D2HW-ER243MR
Left-side
SPST-NC
D2HW-BR242ML
D2HW-ER242ML
SPST-NO
D2HW-BR243ML
D2HW-ER243ML
Straight leaf
lever
Solder
SPDT
D2HW-BR251H
D2HW-ER251H
Molded
lead wires
Downwards
SPDT
D2HW-BR251M
D2HW-ER251M
SPST-NC
D2HW-BR252M
D2HW-ER252M
SPST-NO
D2HW-BR253M
D2HW-ER253M
Right-side
SPST-NC
D2HW-BR252MR
D2HW-ER252MR
SPST-NO
D2HW-BR253MR
D2HW-ER253MR
Left-side
SPST-NC
D2HW-BR252ML
D2HW-ER252ML
SPST-NO
D2HW-BR253ML
D2HW-ER253ML
Leaf lever
Solder
SPDT
D2HW-BR261H
D2HW-ER261H
Molded
lead wires
Downwards
SPDT
D2HW-BR261M
D2HW-ER261M
SPST-NC
D2HW-BR262M
D2HW-ER262M
SPST-NO
D2HW-BR263M
D2HW-ER263M
Right-side
SPST-NC
D2HW-BR262MR
D2HW-ER262MR
SPST-NO
D2HW-BR263MR
D2HW-ER263MR
Left-side
SPST-NC
D2HW-BR262ML
D2HW-ER262ML
SPST-NO
D2HW-BR263ML
D2HW-ER263ML
Simulated roller
leaf lever
Solder
SPDT
D2HW-BR271H
D2HW-ER271H
Molded
lead wires
Downwards
SPDT
D2HW-BR271M
D2HW-ER271M
SPST-NC
D2HW-BR272M
D2HW-ER272M
SPST-NO
D2HW-BR273M
D2HW-ER273M
Right-side
SPST-NC
D2HW-BR272MR
D2HW-ER272MR
SPST-NO
D2HW-BR273MR
D2HW-ER273MR
Left-side
SPST-NC
D2HW-BR272ML
D2HW-ER272ML
SPST-NO
D2HW-BR273ML
D2HW-ER273ML
Long leaf lever
Solder
SPDT
D2HW-BR281H
D2HW-ER281H
Molded
lead wires
Downwards
SPDT
D2HW-BR281M
D2HW-ER281M
SPST-NC
D2HW-BR282M
D2HW-ER282M
SPST-NO
D2HW-BR283M
D2HW-ER283M
Right-side
SPST-NC
D2HW-BR282MR
D2HW-ER282MR
SPST-NO
D2HW-BR283MR
D2HW-ER283MR
Left-side
SPST-NC
D2HW-BR282ML
D2HW-ER282ML
SPST-NO
D2HW-BR283ML
D2HW-ER283ML



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com