Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2HWA263MS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2HWA263MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWA263MS Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2HWA263MS Datasheet HTML 1Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 2Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 3Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 4Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 5Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 6Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 7Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 8Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
●Models with Solder Terminals or Molded Lead Wires
Note1. The length of standard lead wires (AVSS 0.5) for molded lead wire models shown above is 30 cm.
Note2. "S" is added to the end of the model number for the UL/CSA-approved version The lead wire models are UL approved wires (AWG24, UL1007).
Consult your OMRON sales representative for details.
List of Models
Long post on left
Short post
on left
M3-screw
mounting
Actuator
Terminals
Contact form
Pin plunger
Solder
SPDT
D2HW-BL201H
D2HW-EL201H
D2HW-C201H
Molded
lead wires
Downwards
SPDT
D2HW-BL201M
D2HW-EL201M
D2HW-C201M
SPST-NC
D2HW-BL202M
D2HW-EL202M
D2HW-C202M
SPST-NO
D2HW-BL203M
D2HW-EL203M
D2HW-C203M
Right-side
SPST-NC
D2HW-BL202MR
D2HW-EL202MR
D2HW-C202MR
SPST-NO
D2HW-BL203MR
D2HW-EL203MR
D2HW-C203MR
Left-side
SPST-NC
D2HW-BL202ML
D2HW-EL202ML
-
SPST-NO
D2HW-BL203ML
D2HW-EL203ML
-
Hinge lever
Solder
SPDT
D2HW-BL211H
D2HW-EL211H
D2HW-C211H
Molded
lead wires
Downwards
SPDT
D2HW-BL211M
D2HW-EL211M
D2HW-C211M
SPST-NC
D2HW-BL212M
D2HW-EL212M
D2HW-C212M
SPST-NO
D2HW-BL213M
D2HW-EL213M
D2HW-C213M
Right-side
SPST-NC
D2HW-BL212MR
D2HW-EL212MR
D2HW-C212MR
SPST-NO
D2HW-BL213MR
D2HW-EL213MR
D2HW-C213MR
Left-side
SPST-NC
D2HW-BL212ML
D2HW-EL212ML
-
SPST-NO
D2HW-BL213ML
D2HW-EL213ML
-
Long hinge lever
Solder
SPDT
D2HW-BL221H
D2HW-EL221H
D2HW-C221H
Molded
lead wires
Downwards
SPDT
D2HW-BL221M
D2HW-EL221M
D2HW-C221M
SPST-NC
D2HW-BL222M
D2HW-EL222M
D2HW-C222M
SPST-NO
D2HW-BL223M
D2HW-EL223M
D2HW-C223M
Right-side
SPST-NC
D2HW-BL222MR
D2HW-EL222MR
D2HW-C222MR
SPST-NO
D2HW-BL223MR
D2HW-EL223MR
D2HW-C223MR
Left-side
SPST-NC
D2HW-BL222ML
D2HW-EL222ML
-
SPST-NO
D2HW-BL223ML
D2HW-EL223ML
-
Simulated roller
hinge lever
Solder
SPDT
D2HW-BL231H
D2HW-EL231H
D2HW-C231H
Molded
lead wires
Downwards
SPDT
D2HW-BL231M
D2HW-EL231M
D2HW-C231M
SPST-NC
D2HW-BL232M
D2HW-EL232M
D2HW-C232M
SPST-NO
D2HW-BL233M
D2HW-EL233M
D2HW-C233M
Right-side
SPST-NC
D2HW-BL232MR
D2HW-EL232MR
D2HW-C232MR
SPST-NO
D2HW-BL233MR
D2HW-EL233MR
D2HW-C233MR
Left-side
SPST-NC
D2HW-BL232ML
D2HW-EL232ML
-
SPST-NO
D2HW-BL233ML
D2HW-EL233ML
-
Hinge roller
lever
Solder
SPDT
D2HW-BL241H
D2HW-EL241H
D2HW-C241H
Molded
lead wires
Downwards
SPDT
D2HW-BL241M
D2HW-EL241M
D2HW-C241M
SPST-NC
D2HW-BL242M
D2HW-EL242M
D2HW-C242M
SPST-NO
D2HW-BL243M
D2HW-EL243M
D2HW-C243M
Right-side
SPST-NC
D2HW-BL242MR
D2HW-EL242MR
D2HW-C242MR
SPST-NO
D2HW-BL243MR
D2HW-EL243MR
D2HW-C243MR
Left-side
SPST-NC
D2HW-BL242ML
D2HW-EL242ML
-
SPST-NO
D2HW-BL243ML
D2HW-EL243ML
-
Straight leaf
lever
Solder
SPDT
D2HW-BL251H
D2HW-EL251H
D2HW-C251H
Molded
lead wires
Downwards
SPDT
D2HW-BL251M
D2HW-EL251M
D2HW-C251M
SPST-NC
D2HW-BL252M
D2HW-EL252M
D2HW-C252M
SPST-NO
D2HW-BL253M
D2HW-EL253M
D2HW-C253M
Right-side
SPST-NC
D2HW-BL252MR
D2HW-EL252MR
D2HW-C252MR
SPST-NO
D2HW-BL253MR
D2HW-EL253MR
D2HW-C253MR
Left-side
SPST-NC
D2HW-BL252ML
D2HW-EL252ML
-
SPST-NO
D2HW-BL253ML
D2HW-EL253ML
-
Leaf lever
Solder
SPDT
D2HW-BL261H
D2HW-EL261H
D2HW-C261H
Molded
lead wires
Downwards
SPDT
D2HW-BL261M
D2HW-EL261M
D2HW-C261M
SPST-NC
D2HW-BL262M
D2HW-EL262M
D2HW-C262M
SPST-NO
D2HW-BL263M
D2HW-EL263M
D2HW-C263M
Right-side
SPST-NC
D2HW-BL262MR
D2HW-EL262MR
D2HW-C262MR
SPST-NO
D2HW-BL263MR
D2HW-EL263MR
D2HW-C263MR
Left-side
SPST-NC
D2HW-BL262ML
D2HW-EL262ML
-
SPST-NO
D2HW-BL263ML
D2HW-EL263ML
-
Simulated roller
leaf lever
Solder
SPDT
D2HW-BL271H
D2HW-EL271H
D2HW-C271H
Molded
lead wires
Downwards
SPDT
D2HW-BL271M
D2HW-EL271M
D2HW-C271M
SPST-NC
D2HW-BL272M
D2HW-EL272M
D2HW-C272M
SPST-NO
D2HW-BL273M
D2HW-EL273M
D2HW-C273M
Right-side
SPST-NC
D2HW-BL272MR
D2HW-EL272MR
D2HW-C272MR
SPST-NO
D2HW-BL273MR
D2HW-EL273MR
D2HW-C273MR
Left-side
SPST-NC
D2HW-BL272ML
D2HW-EL272ML
-
SPST-NO
D2HW-BL273ML
D2HW-EL273ML
-
Long leaf lever
Solder
SPDT
D2HW-BL281H
D2HW-EL281H
D2HW-C281H
Molded
lead wires
Downwards
SPDT
D2HW-BL281M
D2HW-EL281M
D2HW-C281M
SPST-NC
D2HW-BL282M
D2HW-EL282M
D2HW-C282M
SPST-NO
D2HW-BL283M
D2HW-EL283M
D2HW-C283M
Right-side
SPST-NC
D2HW-BL282MR
D2HW-EL282MR
D2HW-C282MR
SPST-NO
D2HW-BL283MR
D2HW-EL283MR
D2HW-C283MR
Left-side
SPST-NC
D2HW-BL282ML
D2HW-EL282ML
-
SPST-NO
D2HW-BL283ML
D2HW-EL283ML
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com